Electronic Components Datasheet Search
  English  ▼

X  

AD876 Datasheet(PDF) 17 Page - Analog Devices

Part # AD876
Description  CMOS A/D Converter
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD876 Datasheet(HTML) 17 Page - Analog Devices

Back Button AD876 Datasheet HTML 9Page - Analog Devices AD876 Datasheet HTML 10Page - Analog Devices AD876 Datasheet HTML 11Page - Analog Devices AD876 Datasheet HTML 12Page - Analog Devices AD876 Datasheet HTML 13Page - Analog Devices AD876 Datasheet HTML 14Page - Analog Devices AD876 Datasheet HTML 15Page - Analog Devices AD876 Datasheet HTML 16Page - Analog Devices AD876 Datasheet HTML 17Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 17 / 17 page
background image
REV. B
–16–
AD876
OUTLINE DIMENSIONS
Dimensions shown in inches and (mm).
R-28
28-Lead Wide Body (SOIC)
28
15
14
1
0.7125 (18.10)
0.6969 (17.70)
PIN 1
SEATING
PLANE
0.0118 (0.30)
0.0040 (0.10)
0.0192 (0.49)
0.0138 (0.35)
0.1043 (2.65)
0.0926 (2.35)
0.0500
(1.27)
BSC
0.0125 (0.32)
0.0091 (0.23)
0.0500 (1.27)
0.0157 (0.40)
8
°
0
°
0.0291 (0.74)
0.0098 (0.25)
x 45
°
ST-48
28-Lead Plastic Thin Quad Flatpack (TQFP)
TOP VIEW
(PINS DOWN)
1
36
37
48
12
13
25
24
0.276
± 0.004
(7.0
± 0.1)
SQ
0.354
± 0.008 (9.00 ± 0.2) SQ
0.039 (1.00)
REF
0.02
± 0.003
(0.50
± 0.08)
0.007 +0.003 –0.001
(0.18 +0.08 –0.03)
SEATING
PLANE
0.055
± 0.002
(1.40
± 0.05)
0.059 +0.008 –0.004
(1.50 +0.2 –0.1)
0.02
± 0.008
(0.5
± 0.2)
0.005 +0.002 –0.0008
(0.127 +0.05 –0.02)
0.004
± 0.002
(0.1
± 0.05)
0
° MIN
(3.5
° ± 3.5°)
RS-28
28-Lead Shrink Small Outline Package (SSOP)
28
15
14
1
0.407 (10.34)
0.397 (10.08)
PIN 1
SEATING
PLANE
0.008 (0.203)
0.002 (0.050)
0.07 (1.79)
0.066 (1.67)
0.0256
(0.65)
BSC
0.078 (1.98)
0.068 (1.73)
0.015 (0.38)
0.010 (0.25)
0.009 (0.229)
0.005 (0.127)
0.03 (0.762)
0.022 (0.558)
8
°
0
°



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com