Electronic Components Datasheet Search
  English  ▼

X  

AD9203 Datasheet(PDF) 4 Page - Analog Devices

Part # AD9203
Description  A/D Converter
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9203 Datasheet(HTML) 4 Page - Analog Devices

  AD9203 Datasheet HTML 1Page - Analog Devices AD9203 Datasheet HTML 2Page - Analog Devices AD9203 Datasheet HTML 3Page - Analog Devices AD9203 Datasheet HTML 4Page - Analog Devices AD9203 Datasheet HTML 5Page - Analog Devices AD9203 Datasheet HTML 6Page - Analog Devices AD9203 Datasheet HTML 7Page - Analog Devices AD9203 Datasheet HTML 8Page - Analog Devices AD9203 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 29 page
background image
AD9203
Rev. B | Page 3 of 28
SPECIFICATIONS
AVDD = 3 V, DRVDD = 3 V, FS = 40 MSPS, input span from 0.5 V to 2.5 V, internal 1 V reference, PWRCON = AVDD, 50% clock duty
cycle, TMIN to TMAX unless otherwise noted.
Table 1.
Parameter
Symbol
Min
Typ
Max
Unit
Conditions
RESOLUTION
10
Bits
MAX CONVERSION RATE
FS
40
MSPS
PIPELINE DELAY
5.5
Clock
Cycles
DC ACCURACY
Differential Nonlinearity
DNL
± 0.25 ± 0.7
LSB
Integral Nonlinearity
INL
± 0.65 ± 1.4
LSB
Offset Error
EZS
± 0.6 ± 2.8
% FSR
Gain Error
EFS
± 0.7 ± 4.0
% FSR
ANALOG INPUT
Input Voltage Range
AIN
1
2
V p-p
Input Capacitance
CIN
1.4
pF
Aperture Delay
TAP
2.0
ns
Aperture Uncertainty (Jitter)
TAJ
1.2
ps rms
Input Bandwidth (–3 dB)
BW
390
MHz
Input Referred Noise
0.3
mV
Switched, Single-Ended
INTERNAL REFERENCE
Output Voltage (0.5 V Mode)
VREF
0.5
V
REFSENSE = VREF
Output Voltage (1 V Mode)
VREF
1
V
REFSENSE = GND
Output Voltage Tolerance (1 V Mode)
± 5
± 30
mV
Load Regulation
0.65
1.2
mV
1.0 mA Load
POWER SUPPLY
Operating Voltage
AVDD
2.7
3.0
3.6
V
DRVDD
2.7
3.0
3.6
V
Analog Supply Current
IAVDD
20.1
22.0
mA
Digital Supply Current
IDRVDD
4.4
6.0
mA
fIN= 4.8 MHz, Output Bus Load = 10pF
9.5
14.0
mA
fIN= 20 MHz, Output Bus Load = 20 pF
Power Consumption
74
84.0
mW
fIN= 4.8 MHz, Output Bus Load = 10pF
88.8
108.0
mW
fIN= 20 MHz, Output Bus Load = 20 pF
Power-Down
PD
0.65
1.2
mW
Power Supply Rejection Ratio
PSRR
0.04
± 0.25
% FS
DYNAMIC PERFORMANCE (AIN = 0.5 dBFS)
Signal-to-Noise and Distortion
1
SINAD
f = 4.8 MHz
59.7
dB
f = 20 MHz
57.2
59.3
dB
Effective Bits
ENOB
f = 4.8 MHz
1
9.6
Bits
f = 20 MHz
9.2
9.55
Bits
Signal-to-Noise Ratio
SNR
f = 4.8 MHz
1
60.0
dB
f = 20 MHz
57.5
59.5
dB
Total Harmonic Distortion
THD
f = 4.8MHz
−76.0
dB
f = 20 MHz
−74.0
−65.0
dB
Spurious-Free Dynamic Range
SFDR
f = 4.8 MHz1
80
dB
f = 20 MHz
67.8
78
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com