Electronic Components Datasheet Search
  English  ▼

X  

AD9203 Datasheet(PDF) 14 Page - Analog Devices

Part # AD9203
Description  A/D Converter
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9203 Datasheet(HTML) 14 Page - Analog Devices

Back Button AD9203 Datasheet HTML 10Page - Analog Devices AD9203 Datasheet HTML 11Page - Analog Devices AD9203 Datasheet HTML 12Page - Analog Devices AD9203 Datasheet HTML 13Page - Analog Devices AD9203 Datasheet HTML 14Page - Analog Devices AD9203 Datasheet HTML 15Page - Analog Devices AD9203 Datasheet HTML 16Page - Analog Devices AD9203 Datasheet HTML 17Page - Analog Devices AD9203 Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 29 page
background image
AD9203
0.1
µF
10
µF
Rev. B | Page 13 of 28
ADC
CORE
+
–
LOGIC
AINP
AINN
VREF
0.5V
REFTF
REFBF
REFSENSE
1.5V
0V
1.875V
1.125V
AD9203
0.1
µF
0.1
µF
0.1
µF
10
µF
RB
RA
Figure 21. Programmable Reference Configuration
EXTERNAL REFERENCE OPERATION
Figure 22 illustrates the use of an external reference. An
external reference may be necessary for several reasons. Tighter
reference tolerance will enhance the accuracy of the ADC and
will allow lower temperature drift performance. When several
ADCs track one another, a single reference (internal or
external) will be necessary. The AD9203 will draw less power
when an external reference is used.
When the REFSENSE pin is tied to AVDD, the internal
reference will be disabled, allowing the use of an external
reference.
The AD9203 contains an internal reference buffer. It will load
the external reference with an equivalent 10 kΩ load. The
internal buffer will generate positive and negative full-scale
references for the ADC core.
In Figure 22, an external reference is used to set the midscale set
point for single-ended use. At the same time, it sets the input
voltage span through a resistor divider. If the ADC is being
driven differentially through a transformer, the external
reference can set the center tap (common-mode voltage).
10
µF
0.1
µF
0.1
µF
0.1
µF
1.0V
2.0V
VREF
AD9203
5V
1.5k
Ω
3.0V
REFSENSE
A3
AVDD
AINP
AINN
EXTERNAL
REF (2V)
1V
1.5k
Ω
Figure 22. External Reference Configuration
CLAMP OPERATION
The AD9203 contains an internal clamp. It may be used when
operating the input in a single-ended mode. This clamp is very
useful for clamping NTSC and PAL video signals to ground.
The clamp cannot be used in the differential input mode.
1V p-p
0V DC
REFSENSE
VREF
AINN
CIN
CLAMPIN
CLAMP
AD9203
AINP
SW1
50
Ω TYP
ADC
CORE
Figure 23. Clamp Configuration (VREF = 0.5 V)
Figure 23 shows the internal clamp circuitry and the external
control signals needed for clamp operation. To enable the
clamp, apply a logic high 1 to the CLAMP pin. This will close
SW1, the internal switch. SW1 is opened by asserting the
CLAMP pin low 0. The capacitor holds the voltage across CIN
constant until the next interval. The charge on the capacitor will
leak off as a function of input bias current (see Figure 24).
–50
250
200
150
100
50
0
0
0.5
1.0
1.5
2.0
2.5
3.0
INPUT VOLTAGE (V)
Figure 24. Input Bias Current vs. Input Voltage (FS = 40 MSPS)
DRIVING THE ANALOG INPUT
Figure 25 illustrates the equivalent analog input of the AD9203,
(a switched capacitor input). Bringing CLK to a logic high,
opens S3 and closes S1 and S2. The input source connected to
AIN and must charge Capacitor CH during this time. Bringing
CLK to a logic low opens S2, and then S1 opens followed by
closing S3. This puts the input in the hold mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com