Electronic Components Datasheet Search
  English  ▼

X  

AD9203 Datasheet(PDF) 20 Page - Analog Devices

Part # AD9203
Description  A/D Converter
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9203 Datasheet(HTML) 20 Page - Analog Devices

Back Button AD9203 Datasheet HTML 16Page - Analog Devices AD9203 Datasheet HTML 17Page - Analog Devices AD9203 Datasheet HTML 18Page - Analog Devices AD9203 Datasheet HTML 19Page - Analog Devices AD9203 Datasheet HTML 20Page - Analog Devices AD9203 Datasheet HTML 21Page - Analog Devices AD9203 Datasheet HTML 22Page - Analog Devices AD9203 Datasheet HTML 23Page - Analog Devices AD9203 Datasheet HTML 24Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 29 page
background image
AD9203
Rev. B | Page 19 of 28
AD9203 is powered from a 3 V supply rail while the high
performance AD604 is powered from 5 V supply rails. An
AD8138 is used to drive the AD9203. This is implemented due
to the ability of differential drive techniques to cancel common-
mode noise and input anomalies.
ULTRASOUND APPLICATIONS
The AD9203 provides excellent performance in 10-bit
ultrasound applications. This is demonstrated by its high SNR
with analog input frequencies up to and including Nyquist. The
presence of spurs near the base of a fundamental frequency bin
is demonstrated by Figure 37. Note that the spurs near the noise
floor are more than 80 dB below fIN. This is especially valuable
in Doppler ultrasound applications where low frequency shifts
from the fundamental are important.
The 74 mW power consumption gives the 40 MSPS AD9203 an
order of magnitude improvement over older generation
components.
–110
–100
–90
–80
–70
–60
–50
–40
–30
–20
–10
0
10
4.5E+6
4.7E+6
4.9E+6
5.1E+6
5.3E+6
5.5E+6
fIN
FUND
SNR = 59.9dB
THD = –75dB
SFDR = 82dB
AD8138
3V
AINP
AINN
AD9203
1.5V
3V
ANALOG
INPUT
AD604
TGC
AMPLIFIER
SINGLE-
ENDED
ANALOG
GAIN
CONTROL
CONDITIONED
TRANSDUCER
SIGNAL
Figure 36. Ultrasound Connection for the AD9203
Figure 36 illustrates the AD604 variable gain amplifier
configured for time gain compensation (TGC). The low power
Figure 37. SFDR Performance Near the Fundamental Signal (8192 Point FFT,
fIN = 5 MHz, FS = 40 MSPS)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com