Electronic Components Datasheet Search
  English  ▼

X  

SSM2604 Datasheet(PDF) 17 Page - Analog Devices

Part # SSM2604
Description  Low Power Audio Codec
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

SSM2604 Datasheet(HTML) 17 Page - Analog Devices

Back Button SSM2604 Datasheet HTML 13Page - Analog Devices SSM2604 Datasheet HTML 14Page - Analog Devices SSM2604 Datasheet HTML 15Page - Analog Devices SSM2604 Datasheet HTML 16Page - Analog Devices SSM2604 Datasheet HTML 17Page - Analog Devices SSM2604 Datasheet HTML 18Page - Analog Devices SSM2604 Datasheet HTML 19Page - Analog Devices SSM2604 Datasheet HTML 20Page - Analog Devices SSM2604 Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 29 page
background image
SSM2604
Data Sheet
Rev. A | Page 16 of 28
TYPICAL APPLICATION CIRCUITS
AVDD VMID AGND
DVDD DGND
ROUT
DIGITAL
PROCESSOR
RLINEIN
ADC
LLINEIN
ADC
DAC
DAC
LOUT
OSC
CLK GEN
MCLK/XTI
XTO
CLKOUT
CONTROL INTERFACE
SDIN
SCLK
DIGITAL AUDIO INTERFACE
PBDAT RECDAT BCLK PBLRC RECLRC
DAC
ADC
PWROFF
REF
LINE
OSC
CLKOUT
BYPASS
SSM2604
BYPASS
Figure 26. Power Management Functional Location Diagram (Control Register R6, Bit D0 to Bit D7)
CONNECTION UNDER CHIP
DACLRC
DACDAT
SCLK
ADCDAT
ADCLRC
BCLK
SDIN
R-LINE INPUT
L-LINE INPUT
+3.3V_VA
+3,3V_VD
C11
0.1uF
J1
BNC
1
C13
1uF
R4
NC
R8
100
C14
1uF
+
C12
4.7uF
B1
FB
C8
220PF
L1
47uH,15mA
C9
22pF
C5
1uF
C3
0.1uF
J2
BNC
1
C7
1uF
R5
47K
R1
5.6K
U1
SSM2604
17
16
8
7
9
10
6
20
18
19
1
2
12
11
5
15
LLINEIN
RLINEIN
PBLRC
PBDAT
RECDAT
RECLRC
BCLK
NC
SDIN
SCLK
MCLK/XTI
XTO
ROUT
LOUT
CLKOUT
VMID
+
C1
10uF
C6
220PF
R7
100
R6
47K
C10
22pF
C2
0.1uF
Y1
12.288MHz
R3
5.6K
+ C4
10uF
I2S[0..4]
I2C[0..1]
R2
NC
10M
NC
10M
NC
Figure 27. Typical Application Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com