Electronic Components Datasheet Search
  English  ▼

X  

SSM2604 Datasheet(PDF) 19 Page - Analog Devices

Part # SSM2604
Description  Low Power Audio Codec
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

SSM2604 Datasheet(HTML) 19 Page - Analog Devices

Back Button SSM2604 Datasheet HTML 15Page - Analog Devices SSM2604 Datasheet HTML 16Page - Analog Devices SSM2604 Datasheet HTML 17Page - Analog Devices SSM2604 Datasheet HTML 18Page - Analog Devices SSM2604 Datasheet HTML 19Page - Analog Devices SSM2604 Datasheet HTML 20Page - Analog Devices SSM2604 Datasheet HTML 21Page - Analog Devices SSM2604 Datasheet HTML 22Page - Analog Devices SSM2604 Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 29 page
background image
SSM2604
Data Sheet
Rev. A | Page 18 of 28
REGISTER MAP DETAILS
LEFT-CHANNEL ADC INPUT VOLUME, ADDRESS 0x00
Table 11. Left-Channel ADC Input Volume Register Bit Map
D8
D7
D6
D5
D4
D3
D2
D1
D0
LRINBOTH
LINMUTE
0
LINVOL [5:0]
Table 12. Descriptions of Left-Channel ADC Input Volume Register Bits
Bit Name
Description
Settings
LRINBOTH
Left-to-right line input ADC data load control
0 = disable simultaneous loading of left-channel ADC data to right-
channel register (default)
1 = enable simultaneous loading of left-channel ADC data to right-
channel register
LINMUTE
Left-channel input mute
0 = disable mute
1 = enable mute on data path to ADC (default)
LINVOL [5:0]
Left-channel PGA volume control
00 0000 = −34.5 dB
… 1.5 dB step up
01 0111 = 0 dB (default)
… 1.5 dB step up
01 1111 = 12 dB
10 0000 = 13.5 dB
10 0001 = 15 dB
10 0010 = 16.5 dB
10 0011 = 18 dB
10 0100 = 19.5 dB
10 0101 = 21 dB
10 0110 = 22.5 dB
10 0111 = 24 dB
10 1000 = 25.5 dB
10 1001 = 27 dB
10 1010 = 28.5 dB
10 1011 = 30 dB
10 1100 = 31.5 dB
10 1101 = 33 dB
11 1111 to 10 1101 = 33 dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com