Electronic Components Datasheet Search
  English  ▼

X  

SSM2604 Datasheet(PDF) 22 Page - Analog Devices

Part # SSM2604
Description  Low Power Audio Codec
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

SSM2604 Datasheet(HTML) 22 Page - Analog Devices

Back Button SSM2604 Datasheet HTML 18Page - Analog Devices SSM2604 Datasheet HTML 19Page - Analog Devices SSM2604 Datasheet HTML 20Page - Analog Devices SSM2604 Datasheet HTML 21Page - Analog Devices SSM2604 Datasheet HTML 22Page - Analog Devices SSM2604 Datasheet HTML 23Page - Analog Devices SSM2604 Datasheet HTML 24Page - Analog Devices SSM2604 Datasheet HTML 25Page - Analog Devices SSM2604 Datasheet HTML 26Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 29 page
background image
Data Sheet
SSM2604
Rev. A | Page 21 of 28
POWER MANAGEMENT, ADDRESS 0x06
Table 19. Power Management Register Bit Map
D8
D7
D6
D5
D4
D3
D2
D1
D0
0
PWROFF
CLKOUT
OSC
1
DAC
ADC
1
LINEIN
Table 20. Description of Power Management Register Bits
Bit Name
Description
Settings
PWROFF
Whole chip power-down control
0 = power up
1 = power down (default)
CLKOUT
Clock output power-down control
0 = power up (default)
1 = power down
OSC
Crystal power-down control
0 = power up (default)
1 = power down
DAC
DAC power-down control
0 = power up
1 = power down (default)
ADC
ADC power-down control
0 = power up
1 = power down (default)
LINEIN
Line input power-down control
0 = power up
1 = power down (default)
Power Consumption
Table 21.
Mode
PWROFF
CLKOUT
OSC
DAC
ADC
LINEIN
AVDD
(3.3V)
DVDD
(3.3 V)
Unit
Record and Playback
0
0
0
0
0
0
9.41
3.7
mA
Playback Only
Oscillator Enabled
0
0
0
0
1
1
4.45
1.9
mA
External Clock
0
1
1
0
1
1
4.56
1.9
mA
Record Only
Line Clock
0
0
0
1
0
0
4.31
2.0
mA
Line Oscillator
0
0
1
1
0
0
4.33
2.0
mA
Analog Bypass
(Line Input or Line Output)
External Line
0
0
1
1
1
0
1.88
0.21
mA
Internally Generated Line
0
0
1
1
1
0
1.88
0.25
mA
Power-Down
External Clock
1
1
1
1
1
1
0.002
0.015
mA
Oscillator
1
1
1
1
1
1
0.002
0.015
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com