Electronic Components Datasheet Search
  English  ▼

X  

SCANSTA111 Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # SCANSTA111
Description  Enhanced SCAN bridge Multidrop Addressable IEEE 1149.1 (JTAG) Port
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

SCANSTA111 Datasheet(HTML) 3 Page - National Semiconductor (TI)

  SCANSTA111 Datasheet HTML 1Page - National Semiconductor (TI) SCANSTA111 Datasheet HTML 2Page - National Semiconductor (TI) SCANSTA111 Datasheet HTML 3Page - National Semiconductor (TI) SCANSTA111 Datasheet HTML 4Page - National Semiconductor (TI) SCANSTA111 Datasheet HTML 5Page - National Semiconductor (TI) SCANSTA111 Datasheet HTML 6Page - National Semiconductor (TI) SCANSTA111 Datasheet HTML 7Page - National Semiconductor (TI) SCANSTA111 Datasheet HTML 8Page - National Semiconductor (TI) SCANSTA111 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 29 page
background image
Architecture
Figure 1 shows the basic architecture of the ’STA111. The
device’s major functional blocks are illustrated here. The
TAP Controller, a 16-state state machine, is the central con-
trol for the device. The instruction register and various test
data registers can be scanned to exercise the various func-
tions of the ’STA111 (these registers behave as defined in
IEEE Std. 1149.1). The ’STA111 selection controller provides
the functionality that allows the 1149.1 protocol to be used in
a multi-drop environment. It primarily compares the address
input to the slot identification and enables the ’STA111 for
subsequent scan operations. The Local Scan Port Network
(LSPN) contains multiplexing logic used to select different
port configurations. The LSPN control block contains the
Local Scan Port Controllers (LSPC) for each Local Scan Port
(LSP
0, LSP1 ... LSPn). This control block receives input from
the ’STA111 instruction register, mode registers, and the TAP
controller. Each local port contains all four boundary scan
signals needed to interface with the local TAPs plus the
optional Test Reset signal (TRST).
10124503
FIGURE 1. SCANSTA111 Block Diagram
www.national.com
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com