Electronic Components Datasheet Search
  English  ▼

X  

SCANSTA111 Datasheet(PDF) 12 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # SCANSTA111
Description  Enhanced SCAN bridge Multidrop Addressable IEEE 1149.1 (JTAG) Port
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

SCANSTA111 Datasheet(HTML) 12 Page - National Semiconductor (TI)

Back Button SCANSTA111 Datasheet HTML 8Page - National Semiconductor (TI) SCANSTA111 Datasheet HTML 9Page - National Semiconductor (TI) SCANSTA111 Datasheet HTML 10Page - National Semiconductor (TI) SCANSTA111 Datasheet HTML 11Page - National Semiconductor (TI) SCANSTA111 Datasheet HTML 12Page - National Semiconductor (TI) SCANSTA111 Datasheet HTML 13Page - National Semiconductor (TI) SCANSTA111 Datasheet HTML 14Page - National Semiconductor (TI) SCANSTA111 Datasheet HTML 15Page - National Semiconductor (TI) SCANSTA111 Datasheet HTML 16Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 29 page
background image
Level 2 Protocol (Continued)
Pause-IR and the active scan chain consists of: TDI
B
through the instruction register (or the IDCODE register) and
out through TDO
B.
TDI
B → Instruction Register → TDOB
The UNPARK instruction (described later) is used to insert
one or more local scan ports into the active scan chain.
Table 7 describes which local ports are inserted into the
chain, and in what order.
LEVEL 2 INSTRUCTION TYPES There are two types of
instructions (reference Table 5):
1.
Instructions that insert a ’STA111 register into the active
scan chain so that the register can be captured or up-
dated (BYPASS, SAMPLE/PRELOAD, EXTEST, ID-
CODE, MODESEL, MCGRSEL, LFSR-SEL, CNTR-
SEL).
2.
Instructions that configure local ports or control the op-
eration of the linear feedback shift register and counter
registers
(UNPARK,
PARKTRL,
PARKRTI,
PARK-
PAUSE, GOTOWAIT, SOFTRESET, LFSRON, LFS-
ROFF, CNTRON, CNTROFF). These instructions, along
with any other yet undefined Op-Codes, will cause the
device identification register to be inserted into the ac-
tive scan chain.
www.national.com
12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com