Electronic Components Datasheet Search
  English  ▼

X  

RGS-P9000 Datasheet(PDF) 1 Page - ORing Industrial Networking Corp

Part # RGS-P9000
Description  Gigabit Ethernet switch
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ORING [ORing Industrial Networking Corp]
Direct Link  http://www.oringnet.com/
Logo ORING - ORing Industrial Networking Corp

RGS-P9000 Datasheet(HTML) 1 Page - ORing Industrial Networking Corp

  RGS-P9000 Datasheet HTML 1Page - ORing Industrial Networking Corp RGS-P9000 Datasheet HTML 2Page - ORing Industrial Networking Corp RGS-P9000 Datasheet HTML 3Page - ORing Industrial Networking Corp RGS-P9000 Datasheet HTML 4Page - ORing Industrial Networking Corp RGS-P9000 Datasheet HTML 5Page - ORing Industrial Networking Corp RGS-P9000 Datasheet HTML 6Page - ORing Industrial Networking Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
1-83
1-83
Designed for Rugged Excellence
Industrial IEC 61850-3 modular rack mount managed Gigabit
Ethernet switch with 4 slots
RGS-P9000 Series
▪ Designed for power substation / Railway application and fully compliant
with the requirement of IEC 61850-3 and IEEE 1613
▪ Modular designed makes network planning easy
▪ Supports O-Ring (recovery time < 30ms) and MSTP (RSTP/STP
compatible) for Ethernet Redundancy
▪
O-Chain allow multiple redundant network rings
▪ Supports standard IEC 62439-2 MRP*NOTE 1 (Media Redundancy
Protocol) function
▪ Supports IEEE 1588v2 clock Synchronization
▪ Supports IPV6 new internet protocol version
▪ Supports Modbus TCP protocol
▪ VLAN unaware : Supports priority-tagged frames to be received by
specific IEDs
▪ Provided HTTPS/SSH protocol to enhance network security
▪ Supports IEEE 802.3az Energy-Efficient Ethernet technology
▪ Supports SMTP client and SNTP server protocol
▪ Supports application-based QoS management
▪ Supports Device Binding security function
▪ Supports DOS/DDOS auto prevention
▪ IGMP v2/v3 (IGMP snooping support) for filtering multicast traffic
▪ Supports SNMP v1/v2c/v3 & RMON & 802.1Q VLAN Network
Management
▪ Supports port mirror function to monitor port data
▪ Support ACL and 802.1x User Authentication for security
▪ Supports 10K Bytes Jumbo Frame
▪ Multiple notification for warning of unexpected event
▪ Web-based ,Telnet, Console (CLI), and Windows utility (Open-Vision)
configuration
▪ Support LLDP Protocol
▪ Support DBU-01 backup unit device to quickly backup/restore
configuration
▪ Supports redundant power inputs with optional voltage range
▪ 19 inches rack mountable design
RGS-P9000 is modular managed redundant ring Ethernet switch with 4 slots. The switch is designed for power substation application and rolling stock
application, fully compliant with the requirement of IEC 61850-3 and IEEE 1613. With completely support of Ethernet Redundancy protocol, O-Ring (recovery
time < 30ms) and MSTP (RSTP/STP compatible) can protect your mission-critical applications from network interruptions or temporary malfunctions with its fast
recovery technology. And support wide operating temperature from -40 oC to 85 oC (If use 10G SFP module then operating temperature is -20oC ~
60oC). RGS-P9000 can also be managed centralized and convenient by Open-Vision, as well as the Web-based interface, Telnet and console (CLI) configuration.
Therefore, the switch is one of the most reliable choice for highly-managed and Fiber Ethernet power substation and rolling stock application.
Introduction
Features
Industrial Ethernet Switch Rack-Mount Managed Gigabit Ethernet Switch
v2.0a / Aug, 2017
O-Ring
Full Gigabit
RGS-P9000 Series
*Note1: This function is available by request only


Similar Part No. - RGS-P9000

ManufacturerPart #DatasheetDescription
logo
ORing Industrial Networ...
RGS-P9160FXM1-MM-SC-HV_EU ORING-RGS-P9160FXM1-MM-SC-HV_EU Datasheet
666Kb / 11P
Industrial IEC 61850-3 16-port modular rack mount managed Gigabit Ethernet switch
RGS-P9160FXM1-MM-SC-HV_UK ORING-RGS-P9160FXM1-MM-SC-HV_UK Datasheet
666Kb / 11P
Industrial IEC 61850-3 16-port modular rack mount managed Gigabit Ethernet switch
RGS-P9160FXM1-MM-SC-HV_US ORING-RGS-P9160FXM1-MM-SC-HV_US Datasheet
666Kb / 11P
Industrial IEC 61850-3 16-port modular rack mount managed Gigabit Ethernet switch
RGS-P9160FXM1-MM-SC-LV ORING-RGS-P9160FXM1-MM-SC-LV Datasheet
666Kb / 11P
Industrial IEC 61850-3 16-port modular rack mount managed Gigabit Ethernet switch
RGS-P9160FXM1-SS-SC-HV_UK ORING-RGS-P9160FXM1-SS-SC-HV_UK Datasheet
666Kb / 11P
Industrial IEC 61850-3 16-port modular rack mount managed Gigabit Ethernet switch
More results

Similar Description - RGS-P9000

ManufacturerPart #DatasheetDescription
logo
PMC-Sierra, Inc
PM3380 PMC-PM3380 Datasheet
29Kb / 2P
Gigabit Ethernet Switch Port Controller
logo
List of Unclassifed Man...
LSW3-GT-5EP_W ETC2-LSW3-GT-5EP_W Datasheet
410Kb / 2P
Gigabit Ethernet Switch - 5 Port
logo
Level One
GSW-0809 LVL1-GSW-0809 Datasheet
698Kb / 3P
8-Port Gigabit Ethernet Switch
logo
Red Lion Controls. Inc
SLX-18MG-1 REDLION-SLX-18MG-1 Datasheet
421Kb / 3P
Managed Gigabit Ethernet Switch
SLX-10MG-1 REDLION-SLX-10MG-1 Datasheet
394Kb / 3P
Managed Gigabit Ethernet Switch
SLX-8MG REDLION-SLX-8MG Datasheet
438Kb / 3P
Managed Gigabit Ethernet Switch
NT24K-10GX2 REDLION-NT24K-10GX2 Datasheet
554Kb / 3P
Industrial Managed Gigabit Ethernet Switch
NT24K_DR16 REDLION-NT24K_DR16 Datasheet
622Kb / 3P
Managed Gigabit Industrial Ethernet Switch
logo
Pepperl+Fuchs Inc.
ICRL-U-5RJ45-G-DIN PF-ICRL-U-5RJ45-G-DIN Datasheet
579Kb / 4P
Ethernet switch unmanaged gigabit
logo
Weidmuller
2435400000 WEIDMULLER-2435400000 Datasheet
241Kb / 4P
Network switch, unmanaged, Gigabit Ethernet
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com