Electronic Components Datasheet Search
  English  ▼

X  

RGS-P9000 Datasheet(PDF) 4 Page - ORing Industrial Networking Corp

Part # RGS-P9000
Description  Gigabit Ethernet switch
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ORING [ORing Industrial Networking Corp]
Direct Link  http://www.oringnet.com/
Logo ORING - ORing Industrial Networking Corp

RGS-P9000 Datasheet(HTML) 4 Page - ORing Industrial Networking Corp

  RGS-P9000 Datasheet HTML 1Page - ORing Industrial Networking Corp RGS-P9000 Datasheet HTML 2Page - ORing Industrial Networking Corp RGS-P9000 Datasheet HTML 3Page - ORing Industrial Networking Corp RGS-P9000 Datasheet HTML 4Page - ORing Industrial Networking Corp RGS-P9000 Datasheet HTML 5Page - ORing Industrial Networking Corp RGS-P9000 Datasheet HTML 6Page - ORing Industrial Networking Corp  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
1
www.oring-networking.com
1-86
Industrial Ethernet Switch Rack-Mount Managed Gigabit Ethernet Switch
v2.0a / Aug, 2017
ORing Switch Model
RGS-P9000-LV
RGS-P9000-HV
Physical Ports
Slot Number
4 (up to 3 slots for 8x1G ports and 1 slot for 4x10G port)
Technology
Ethernet Standards
IEEE 802.3u for 100Base-TX and 100Base-FX
IEEE 802.3ab for 1000Base-T
IEEE 802.z for 1000Base-X
IEEE 802.3ae for 10Gigabit Ethernet
IEEE 802.3x for Flow control
IEEE 802.3ad for LACP (Link Aggregation Control Protocol )
IEEE 802.1p for COS (Class of Service)
IEEE 802.1Q for VLAN Tagging
IEEE 802.1w for RSTP (Rapid Spanning Tree Protocol)
IEEE 802.1s for MSTP (Multiple Spanning Tree Protocol)
IEEE 802.1x for Authentication
IEEE 802.1AB for LLDP (Link Layer Discovery Protocol)
MAC Table
8k
Packet Buffer
32Mbits
Flash Memory
128Mbits
DRAM Size
1Gbits
Jumbo frame
Up to 10K Bytes
Priority Queues
8
Processing
Store-and-Forward
Switch Properties
Switching latency: 7 us
Switching bandwidth: 128Gbps
Max. Number of Available VLANs: 4095
VLAN ID range: VID 1 to 4094
IGMP multicast groups: 128 for each VLAN
Port rate limiting: User Define
Security Features
Device Binding security feature
Enable/disable ports, MAC based port security
Port based network access control (802.1x)
MAC-based authentication(802.1x)
VLAN (802.1Q ) to segregate and secure network traffic
Radius centralized password management
SNMPv3 encrypted authentication and access security
Https / SSH enhance network security
Web and CLI authentication and authorization
IP source guard
Software Features
IEEE 1588v2 clock synchronization
IEEE 802.1D Bridge, auto MAC address learning/aging and MAC address (static)
Multiple Registration Protocol (MRP)
MSTP (RSTP/STP compatible)
Redundant Ring (O-Ring) with recovery time less than 30ms
TOS/Diffserv supported
Quality of Service (802.1p) for real-time traffic
VLAN (802.1Q) with VLAN tagging
Guest VLAN
GVRP
IGMP v2/v3 Snooping
Application-based QoS management
DOS/DDOS auto prevention
Port configuration, status, statistics, monitoring, security
DHCP Server/Client/Relay
Modbus TCP
SMTP Client
SNTP server
Firmware upgrade and configuration backup and restore
Network Redundancy
O-Ring
O-Chain
MRP*NOTE 1
MSTP (RSTP/STP compatible)
ERPS
RS-232 Serial Console Port
RS-232 in RJ-45 connector with console cable. 115200bps, 8, N, 1
Specifications
*NOTE 1 : This function is available by request only



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com