Electronic Components Datasheet Search
  English  ▼

X  

RGS-P9000 Datasheet(PDF) 5 Page - ORing Industrial Networking Corp

Part # RGS-P9000
Description  Gigabit Ethernet switch
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ORING [ORing Industrial Networking Corp]
Direct Link  http://www.oringnet.com/
Logo ORING - ORing Industrial Networking Corp

RGS-P9000 Datasheet(HTML) 5 Page - ORing Industrial Networking Corp

  RGS-P9000 Datasheet HTML 1Page - ORing Industrial Networking Corp RGS-P9000 Datasheet HTML 2Page - ORing Industrial Networking Corp RGS-P9000 Datasheet HTML 3Page - ORing Industrial Networking Corp RGS-P9000 Datasheet HTML 4Page - ORing Industrial Networking Corp RGS-P9000 Datasheet HTML 5Page - ORing Industrial Networking Corp RGS-P9000 Datasheet HTML 6Page - ORing Industrial Networking Corp  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
1-87
1-87
Designed for Rugged Excellence
Industrial Ethernet Switch Rack-Mount Managed Gigabit Ethernet Switch
v2.0a / Aug, 2017
LED Indicators
System Ready Indicator (PWR)
Green : Indicates that the system ready. The LED is blinking when the system is upgrading firmware
Power Indicator (PWR1 / PWR2)
Green : Power LED x 2
Ring Master Indicator (R.M.)
Green : Indicates that the system is operating in O-Ring Master mode
O-Ring Indicator (Ring)
Green : Indicates that the system operating in O-Ring mode
Green Blinking : Indicates that the Ring is broken
Fault Indicator (Fault)
Amber : Indicate unexpected event occurred
Reset To Default Running Indicator (DEF)
Green : System resets to default configuration
Supervisor Login Indicator (RMT)
Green : System is accessed remotely
Smart LED Display system
Link/Act(LINK) / Speed(SPD) / Duplex(FDX) / Remote (RMT) green LED indicator x 4
Mode select Button (MODE) : Link/Act(LINK) / Speed(SPD) / Duplex(FDX) / Remote (RMT) mode select button
Port 1 ~ 28 Link/Act(LK/ACT) LED show : Green x 28
Port 1 ~ 28 SPD: Green for 1000Mbps, Amber for 10/100Mbps
Port 1 ~ 28 FDX: Green for Full Duplex; Amber for Half Duplex
Fault Contact
Relay
Relay output to carry capacity of 1A at 24VDC
Power
Redundant power input modular
Dual 24/48VDC (24~72VDC) power inputs at terminal
block *NOTE 2
Dual 100~240VAC / 100~370VDC power inputs at terminal
block
Power consumption (Typ.)
46Watts max.
43.5Watts max.
Overload current protection
Present
Physical Characteristic
Enclosure
19 inches rack mountable
IP-30
Weight (g)
6,450g
6,600g
Dimension (W x D x H)
440 (W) x 325 (D) x 44 (H) mm (17.32x12.8x1.73 inch)
Environmental
Storage Temperature
-40 to 85
oC (-40 to 185oF)
Operating Temperature
24VDC~36VDC
10G SFP+ module absent : -40 to 75
oC
10G SFP+ module used: -20 to 50
oC
10G SFP+ module absent : -40 to 85
oC
10G SFP+ module used: -20 to 60
oC
36VDC~72VDC
10G SFP+ module absent : -40 to 85
oC
10G SFP+ module used: -20 to 60
oC
Operating Humidity
5% to 95% Non-condensing
Regulatory Approvals
EMC
EN 55032, EN 55024 (CE EMC), EN 50121-1, EN 50121-4, FCC Part 15 B, EN 61000-6-2,
EN 61000-6-4, IEC 61000-3-2, IEC 61000-3-3
EMI
CISPR 32, EN 55032, FCC Part 15 B Class A
EMS
IEC 61000-4-2 (ESD), IEC 61000-4-3 (RS), IEC 61000-4-4 (EFT), IEC 61000-4-5 (Surge), IEC 61000-4-6 (CS), IEC 61000-
4-8 (PFMF), IEC 61000-4-11 (DIP)
Shock
IEC 60068-2-27
Free Fall
IEC 60068-2-31
Vibration
IEC 60068-2-6
Safety
IEC 60950-1, UL 60950-1, EN60950-1
Power Automation
IEC 61850-3, IEEE 1613
Transport
NEMA TS1&TS2
MTBF*NOTE 3
246,537 hours
316,958 hours
MTBF*NOTE 4
608,907 hours
647,420 hours
Warranty
5 years
*NOTE1: This function is available by request only
*NOTE2: Different DC power inputs have different operating temperature.
*NOTE3: The value is calculated under the combination of 3 SWM-80GT and 1 SWM-04GP+ module. (Worst case)
*NOTE4: The value is calculated without any module slot.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com