Electronic Components Datasheet Search
  English  ▼

X  

AC10FSM Datasheet(PDF) 87 Page - Teccor Electronics

Part # AC10FSM
Description  Thyristor Product Catalog
PDF  223 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TECCOR [Teccor Electronics]
Direct Link  http://www.littelfuse.com/
Logo TECCOR - Teccor Electronics

AC10FSM Datasheet(HTML) 87 Page - Teccor Electronics

Back Button AC10FSM Datasheet HTML 83Page - Teccor Electronics AC10FSM Datasheet HTML 84Page - Teccor Electronics AC10FSM Datasheet HTML 85Page - Teccor Electronics AC10FSM Datasheet HTML 86Page - Teccor Electronics AC10FSM Datasheet HTML 87Page - Teccor Electronics AC10FSM Datasheet HTML 88Page - Teccor Electronics AC10FSM Datasheet HTML 89Page - Teccor Electronics AC10FSM Datasheet HTML 90Page - Teccor Electronics AC10FSM Datasheet HTML 91Page - Teccor Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 87 / 223 page
background image
©2002 Teccor Electronics
E9 - 1
http://www.teccor.com
Thyristor Product Catalog
+ 1 972-580-7777
Sidac
(79 V to 330 V)
E9
General Description
The sidac is a silicon bilateral voltage triggered switch with
greater power-handling capabilities than standard diacs. Upon
application of a voltage exceeding the sidac breakover voltage
point, the sidac switches on through a negative resistance region
to a low on-state voltage. Conduction continues until the current
is interrupted or drops below the minimum holding current of the
device.
Teccor’s sidacs feature glass-passivated junctions to ensure a
rugged and dependable device capable of withstanding harsh
environments.
Variations of devices covered in this data sheet are available for
custom design applications. Consult the factory for more informa-
tion.
Applications
•
High-voltage lamp ignitors
•
Natural gas ignitors
•
Gas oil ignitors
•
High-voltage power supplies
•
Xenon ignitors
•
Overvoltage protector
•
Pulse generators
•
Fluorescent lighting ignitors
•
HID lighting ignitors
Features
•
AC circuit oriented
•
Glass-passivated junctions
•
High surge current capability
E9
TO-92
Type 70
DO-214
Surface Mount
TO-202
DO-15X



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com