Electronic Components Datasheet Search
  English  ▼

X  

AC10FSM Datasheet(PDF) 18 Page - Teccor Electronics

Part # AC10FSM
Description  Thyristor Product Catalog
PDF  223 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TECCOR [Teccor Electronics]
Direct Link  http://www.littelfuse.com/
Logo TECCOR - Teccor Electronics

AC10FSM Datasheet(HTML) 18 Page - Teccor Electronics

Back Button AC10FSM Datasheet HTML 14Page - Teccor Electronics AC10FSM Datasheet HTML 15Page - Teccor Electronics AC10FSM Datasheet HTML 16Page - Teccor Electronics AC10FSM Datasheet HTML 17Page - Teccor Electronics AC10FSM Datasheet HTML 18Page - Teccor Electronics AC10FSM Datasheet HTML 19Page - Teccor Electronics AC10FSM Datasheet HTML 20Page - Teccor Electronics AC10FSM Datasheet HTML 21Page - Teccor Electronics AC10FSM Datasheet HTML 22Page - Teccor Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 223 page
background image
http://www.teccor.com
E0 - 2
©2002 Teccor Electronics
+1 972-580-7777
Thyristor Product Catalog
V-I Characteristics of Thyristor Devices
V-I Characteristics of Triac Device
V-I Characteristics of SCR Device
V-I Characteristics of Sidac Device with Negative Resistance
V-I Characteristics of Bilateral Trigger Diac
Breakover
Voltage
Specified Minimum
Off-state
Blocking
Voltage (VDRM)
+I
-I
+V
-V
Minimum Holding
Current (IH)
Voltage Drop (VT) at
Specified Current (iT)
Latching Current (IL)
Off-state Leakage
Current – (IDRM) at
Specified VDRM
Reverse
Breakdown
Voltage
Forward
Breakover
Voltage
Specified Minimum
Off - State
Blocking
Voltage (VDRM)
+I
-I
+V
-V
Minimum Holding
Current (IH)
Voltage Drop (VT) at
Specified Current (iT)
Latching Current (IL)
Off - State Leakage
Current - (IDRM) at
Specified VDRM
Specified Minimum
Reverse Blocking
Voltage (VRRM)
Reverse Leakage
Current - (IRRM) at
Specified VRRM
-V
+I
VDRM
+V
VS
IS
IH
RS
IDRM
IBO
VBO
VT
IT
(IS - IBO)
(VBO - VS)
RS =
-I
+I
-I
10 mA
+V
-V
Breakover
Current
IBO
Breakover
Voltage
VBO
∆V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com