Electronic Components Datasheet Search
  English  ▼

X  

AC10FSM Datasheet(PDF) 90 Page - Teccor Electronics

Part # AC10FSM
Description  Thyristor Product Catalog
PDF  223 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TECCOR [Teccor Electronics]
Direct Link  http://www.littelfuse.com/
Logo TECCOR - Teccor Electronics

AC10FSM Datasheet(HTML) 90 Page - Teccor Electronics

Back Button AC10FSM Datasheet HTML 86Page - Teccor Electronics AC10FSM Datasheet HTML 87Page - Teccor Electronics AC10FSM Datasheet HTML 88Page - Teccor Electronics AC10FSM Datasheet HTML 89Page - Teccor Electronics AC10FSM Datasheet HTML 90Page - Teccor Electronics AC10FSM Datasheet HTML 91Page - Teccor Electronics AC10FSM Datasheet HTML 92Page - Teccor Electronics AC10FSM Datasheet HTML 93Page - Teccor Electronics AC10FSM Datasheet HTML 94Page - Teccor Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 90 / 223 page
background image
http://www.teccor.com
E9 - 4
©2002 Teccor Electronics
+1 972-580-7777
Thyristor Product Catalog
Sidac
Data Sheets
Figure E9.3 Repetitive Peak On-state Current (ITRM) versus
Pulse Width at Various Frequencies
Figure E9.4 Maximum Allowable Ambient Temperature versus
On-state Current
Figure E9.5 Normalized VBO Change versus Junction Temperature
Figure E9.6 Normalized Repetitive Peak Breakover Current versus
Junction Temperature
Figure E9.7 On-state Current versus On-state Voltage (Typical)
Figure E9.8 Power Dissipation (Typical) versus On-state Current
[Refer to Figure E9.14 for Basic Sidac Circuit]
di/dt Limit Line
0.6
0.8
4
2
4
6
8
10
20
40
60
80
100
200
400
600
2 x 10-3
68
1 x 10-2
24
6 8
1 x 10-1
24 6 8 1
1
Pulse base width (to) – ms
VBO Firing
Current
Waveform
Non-R
epeate
d
Repe
tition
Freq
uency
f=5
Hz
f =
10
Hz
f =
100
H
z
f = 1
kHz
f =
5 kHz
f = 10
kHz
f = 20
kHz
TJ = 125 ºC Max
to
ITRM
l/f
Non-R
epeate
d
0
0.2
0.4
0.6
0.8
1.0
20
40
60
80
100
120
140
25
RMS On-state Current [I
T(RMS)] – Amps
CURRENT WAVEFORM: Sinusoidal - 60 Hz
LOAD: Resistive or Inductive
FREE AIR RATING
TO
-9
2 a
nd
D
O
-2
14
DO-15X
and
TO-202
T
ype
23
and
41
TO-202
Type
1
-12
-20
0
+20
+40
+60
+80
+100
+120
-10
-8
-6
-4
-2
0
+2
+4
-40
+25
Junction Temperature (TJ) – ˚C
+140
K2xxxF1
K1xxxE
K1xxxG
K1xxxS
K2xxxE
K2xxxG
K2xxxS
20
30
40
50
60
80
70
90
100
110 120
1
2
3
4
5
6
7
8
9
Junction Temperature (TJ) – ˚C
V = VBO
130
0
0.8
1.2
1.0
1.4
1.6
1.8
2.0
2.2
2.4
2.6
2.8
3.0
3.2
3.4
3.6
0
1
2
3
4
5
6
7
8
9
Positive or Negative Instantaneous On-state Voltage (vT) – Volts
TL = 25 ˚C
TO-92, DO-214 and DO-15X
"E", "S" and "G" Packages
TO-202 "F" Package
0.2
0.4
0.6
0.8
1.0
0
0.4
0.8
1.2
1.6
0.2
0.6
1.0
1.4
1.8
2.0
2.2
RMS On-state Current [IT(RMS)] – Amps
"E", "S" and "G" Packages
TO-92, DO-214 and DO-15X
TO-202 "F" Package
CURRENT WAVEFORM: Sinusoidal
LOAD: Resistive or Inductive
CONDUCTION ANGLE:
See Basic Sidac Cirucit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com