Electronic Components Datasheet Search
  English  ▼

X  

AC10FSM Datasheet(PDF) 111 Page - Teccor Electronics

Part # AC10FSM
Description  Thyristor Product Catalog
PDF  223 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TECCOR [Teccor Electronics]
Direct Link  http://www.littelfuse.com/
Logo TECCOR - Teccor Electronics

AC10FSM Datasheet(HTML) 111 Page - Teccor Electronics

Back Button AC10FSM Datasheet HTML 107Page - Teccor Electronics AC10FSM Datasheet HTML 108Page - Teccor Electronics AC10FSM Datasheet HTML 109Page - Teccor Electronics AC10FSM Datasheet HTML 110Page - Teccor Electronics AC10FSM Datasheet HTML 111Page - Teccor Electronics AC10FSM Datasheet HTML 112Page - Teccor Electronics AC10FSM Datasheet HTML 113Page - Teccor Electronics AC10FSM Datasheet HTML 114Page - Teccor Electronics AC10FSM Datasheet HTML 115Page - Teccor Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 111 / 223 page
background image
2002 Teccor Electronics
M3 - 1
http://www.teccor.com
Thyristor Product Catalog
+1 972-580-7777
Packing Options
M3
Packing options include:
•Bulk Pack
•
Reel Pack (RP)
•
Ammo Pack (AP)
•
Tube Pack (TP)
•
Embossed Carrier (RP)
See “Package Type and Packing Options” on page M3-2.
Sample Instructions for Choosing a
Packing Option
(1) If selecting an “L401E6” (sensitive gate, 400 V, 1 A triac in a
TO-92 package), choose one of the options available for that
device:
• Bulk packed in 2,000 quantity
• Tape and Reel with 2,000 parts per reel
• Tape and Ammo with 2,000 parts per box
(2) Add the designated code as a suffix to the device number,
such as “L401E6 RP” if selecting Tape and Reel or “L401E6
AP” if selecting Tape and Ammo. (Bulk packing requires no
suffix.)
M3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com