| Electronic Components Datasheet Search |
|
AC10FSM Datasheet(PDF) 133 Page - Teccor Electronics |
|
|
|||||||||||||||||||||||||||||
AC10FSM Datasheet(HTML) 133 Page - Teccor Electronics |
|
133 / 223 page ![]() ©2002 Teccor Electronics AN1003 - 1 http://www.teccor.com Thyristor Product Catalog +1 972-580-7777 AN10039 Phase Control Using Thyristors Introduction Due to high-volume production techniques, thyristors are now priced so that almost any electrical product can benefit from elec- tronic control. A look at the fundamentals of SCR and triac phase controls shows how this is possible. Output Power Characteristics Phase control is the most common form of thyristor power con- trol. The thyristor is held in the off condition — that is, all current flow in the circuit is blocked by the thyristor except a minute leak- age current. Then the thyristor is triggered into an “on” condition by the control circuitry. For full-wave AC control, a single triac or two SCRs connected in inverse parallel may be used. One of two methods may be used for full-wave DC control — a bridge rectifier formed by two SCRs or an SCR placed in series with a diode bridge as shown in Figure AN1003.1. Figure AN1003.1 SCR/Triac Connections for Various Methods of Phase Control Figure AN1003.2 illustrates voltage waveform and shows com- mon terms used to describe thyristor operation. Delay angle is the time during which the thyristor blocks the line voltage. The conduction angle is the time during which the thyristor is on. It is important to note that the circuit current is determined by the load and power source. For simplification, assume the load is resistive; that is, both the voltage and current waveforms are identical. Figure AN1003.2 Sine Wave Showing Principles of Phase Control Different loads respond to different characteristics of the AC waveform. For example, some are sensitive to average voltage, some to RMS voltage, and others to peak voltage. Various volt- age characteristics are plotted against conduction angle for half- and full-wave phase control circuits in Figure AN1003.3 and Figure AN1003.4. Control Circuit Line Load Two SCR AC Control Control Circuit Triac AC Control Line Load Control Circuit One SCR DC Control Control Circuit Line Line Load Two SCR DC Control Load Full-wave Rectified Operation Voltage Applied to Load Delay (Triggering) Angle Conduction Angle AN1003 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |