Electronic Components Datasheet Search
  English  ▼

X  

AC10FSM Datasheet(PDF) 138 Page - Teccor Electronics

Part # AC10FSM
Description  Thyristor Product Catalog
PDF  223 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TECCOR [Teccor Electronics]
Direct Link  http://www.littelfuse.com/
Logo TECCOR - Teccor Electronics

AC10FSM Datasheet(HTML) 138 Page - Teccor Electronics

Back Button AC10FSM Datasheet HTML 134Page - Teccor Electronics AC10FSM Datasheet HTML 135Page - Teccor Electronics AC10FSM Datasheet HTML 136Page - Teccor Electronics AC10FSM Datasheet HTML 137Page - Teccor Electronics AC10FSM Datasheet HTML 138Page - Teccor Electronics AC10FSM Datasheet HTML 139Page - Teccor Electronics AC10FSM Datasheet HTML 140Page - Teccor Electronics AC10FSM Datasheet HTML 141Page - Teccor Electronics AC10FSM Datasheet HTML 142Page - Teccor Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 138 / 223 page
background image
AN1003
Application Notes
http://www.teccor.com
AN1003 - 6
©2002 Teccor Electronics
+1 972-580-7777
Thyristor Product Catalog
Permanent Magnet Motor Control
Figure AN1003.16 illustrates a circuit for phase controlling a per-
manent magnet (PM) motor. Since PM motors are also genera-
tors, they have characteristics that make them difficult for a
standard triac to commutate properly. Control of a PM motor is
easily accomplished by using an alternistor triac with enhanced
commutating characteristics.
Figure AN1003.16
Circuit for Phase Controlling a Permanent Magnet
Motor
PM motors normally require full-wave DC rectification. Therefore,
the alternistor triac controller should be connected in series with
the AC input side of the rectifier bridge. The possible alternative
of putting an SCR controller in series with the motor on the DC
side of the rectifier bridge can be a challenge when it comes to
timing and delayed turn-on near the end of the half cycle. The
alternistor triac controller shown in Figure AN1003.16 offers a
wide range control so that the alternistror triac can be triggered at
a small conduction angle or low motor speed; the rectifiers and
alternistors should have similar voltage ratings, with all based on
line voltage and actual motor load requirements.
SCR Phase Control
Figure AN1003.17 shows a very simple variable resistance half-
wave circuit. It provides phase retard from essentially zero (SCR
full on) to 90 electrical degrees of the anode voltage wave (SCR
half on). Diode CR1 blocks reverse gate voltage on the negative
half-cycle of anode supply voltage. This protects the reverse gate
junction of sensitive SCRs and keeps power dissipation low for
gate resistors on the negative half cycle. The diode is rated to
block at least the peak value of the AC supply voltage. The retard
angle cannot be extended beyond the 90-degree point because
the trigger circuit supply voltage and the trigger voltage produc-
ing the gate current to fire are in phase. At the peak of the AC
supply voltage, the SCR can still be triggered with the maximum
value of resistance between anode and gate. Since the SCR will
trigger and latch into conduction the first time IGT is reached, its
conduction cannot be delayed beyond 90 electrical degrees with this
circuit.
Figure AN1003.17
Half-wave Control, 0° to 90° Conduction
Figure AN1003.18 shows a half-wave phase control circuit using
an SCR to control a universal motor. This circuit is better than
simple resistance firing circuits because the phase-shifting char-
acteristics of the RC network permit the firing of the SCR beyond
the peak of the impressed voltage, resulting in small conduction
angles and very slow speed.
Figure AN1003.18
Half-wave Motor Control
DC
MTR
115 V ac
Input
1.5 A
3.3 k
250 k
15 k 1/2 W
0.1
µF
400 V
HT-32
Q4006LH4
100
0.1
µF
100 V
0.1
µF
400 V
G
MT1
MT2
+
-
R1
AC
Input
SCR1
2.2 k
R3
R2
CR1
Load
IN4003
IN4003
IN4004
IN4004
IN4004
120 V ac
60 Hz
120 V ac
60 Hz
240 V ac
60 Hz
240 V ac
60 Hz
240 V ac
50Hz
0.8 A
8.5 A
0.8 A
8.5 A
2.5 A
500 k
100 k
1 M
250 k
1 M
1 k
Not
Required
1 k
Not
Required
1 k
EC103B
S2010F1
EC103D
S4010F1
T106D1
R2
R3
SCR1
CR1
AC
Input
Voltage
AC
Load
Current
M
R1
R2
C1
D1
SCR1
HT-32
3.3 k
AC
Supply
Universal Motor
CR1
AC
Input
Voltage
120 V ac
60 Hz
240 V ac
60 Hz
240 V ac
50 Hz
AC
Load
Current
8 A
6.5 A
6.5 A
150 k
200 k
200 k
IN4003
IN4004
IN4004
S2015L
S4008L
S4008L
0.1
µF 200 V
0.1
µF 400 V
0.1
µF 400 V
R2
CR1
SCR1
C1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com