Electronic Components Datasheet Search
  English  ▼

X  

AC10FSM Datasheet(PDF) 143 Page - Teccor Electronics

Part # AC10FSM
Description  Thyristor Product Catalog
PDF  223 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TECCOR [Teccor Electronics]
Direct Link  http://www.littelfuse.com/
Logo TECCOR - Teccor Electronics

AC10FSM Datasheet(HTML) 143 Page - Teccor Electronics

Back Button AC10FSM Datasheet HTML 139Page - Teccor Electronics AC10FSM Datasheet HTML 140Page - Teccor Electronics AC10FSM Datasheet HTML 141Page - Teccor Electronics AC10FSM Datasheet HTML 142Page - Teccor Electronics AC10FSM Datasheet HTML 143Page - Teccor Electronics AC10FSM Datasheet HTML 144Page - Teccor Electronics AC10FSM Datasheet HTML 145Page - Teccor Electronics AC10FSM Datasheet HTML 146Page - Teccor Electronics AC10FSM Datasheet HTML 147Page - Teccor Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 143 / 223 page
background image
©2002 Teccor Electronics
AN1004 - 1
http://www.teccor.com
Thyristor Product Catalog
+1 972-580-7777
4
Mounting and Handling of Semiconductor Devices
Introduction
Proper mounting and handling of semiconductor devices, particu-
larly those used in power applications, is an important, yet some-
times overlooked, consideration in the assembly of electronic
systems. Power devices need adequate heat dissipation to
increase operating life and reliability and allow the device to
operate within manufacturers' specifications. Also, in order to
avoid damage to the semiconductor chip or internal assembly,
the devices should not be abused during assembly. Very often,
device failures can be attributed directly to a heat sinking or
assembly damage problem.
The information in this application note guides the semi-
conductor user in the proper use of Teccor devices, particularly
the popular and versatile TO-220 and TO-202 epoxy packages.
Contact the Teccor Applications Engineering Group for further
details or suggestions on use of Teccor devices.
Lead Forming — Typical Configurations
A variety of mounting configurations are possible with Teccor
power semiconductor TO-202, TO-92, DO-15X, and TO-220
packages, depending upon such factors as power requirements,
heat sinking, available space, and cost considerations. Figure
AN1004.1 shows typical examples and basic design rules.
Figure AN1004.1
Component Mounting
These are suitable only for vibration-free environments and low-
power, free-air applications. For best results, the device should
be in a vertical position for maximum heat dissipation from con-
vection currents.
Standard Lead Forms
Teccor encourages users to allow factory production of all lead
and tab form options. Teccor has the automated machinery and
expertise to produce pre-formed parts at minimum risk to the
device and with greater convenience for the consumer. See the
“Lead Form Dimensions” section of this catalog for a complete
list of readily available lead form options. Contact Teccor for
information regarding custom lead form designs.
Lead Bending Method
Leads may be bent easily and to any desired angle, provided that
the bend is made at a minimum 0.063" (0.1" for TO-218 package)
away from the package body with a minimum radius of 0.032"
(0.040" for TO-218 package) or 1.5 times lead thickness rule.
DO-15X device leads may be bent with a minimum radius of
0.050”, and DO-35 device leads may be bent with a minimum
radius of 0.028”. Leads should be held firmly between the pack-
age body and the bend so that strain on the leads is not transmit-
ted to the package body, as shown in Figure AN1004.2. Also,
leads should be held firmly when trimming length.
A
B
C
D
SOCKET TYPE MOUNTING:
Useful in applications for testing or
where frequent removal is
necessary. Excellent selection of
socket products available from
companies such as Molex.
AN1004



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com