Electronic Components Datasheet Search
  English  ▼

X  

AC10FSM Datasheet(PDF) 190 Page - Teccor Electronics

Part # AC10FSM
Description  Thyristor Product Catalog
PDF  223 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TECCOR [Teccor Electronics]
Direct Link  http://www.littelfuse.com/
Logo TECCOR - Teccor Electronics

AC10FSM Datasheet(HTML) 190 Page - Teccor Electronics

Back Button AC10FSM Datasheet HTML 186Page - Teccor Electronics AC10FSM Datasheet HTML 187Page - Teccor Electronics AC10FSM Datasheet HTML 188Page - Teccor Electronics AC10FSM Datasheet HTML 189Page - Teccor Electronics AC10FSM Datasheet HTML 190Page - Teccor Electronics AC10FSM Datasheet HTML 191Page - Teccor Electronics AC10FSM Datasheet HTML 192Page - Teccor Electronics AC10FSM Datasheet HTML 193Page - Teccor Electronics AC10FSM Datasheet HTML 194Page - Teccor Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 190 / 223 page
background image
AN1010
Application Notes
http://www.teccor.com
AN1010 - 2
©2002 Teccor Electronics
+1 972-580-7777
Thyristor Product Catalog
Figure AN1010.2
120 V ac Triac/Diac Circuit
Figure AN1010.3 illustrates a circuit using a sidac (a simpler thy-
ristor) phase control network to ignite a 120 V ac fluorescent
lamp. As in the triac/diac circuit, the 5 µF ac capacitor is charged
and added to the peak line voltage, developing greater than
200 V peak or 400 V peak to peak. Since the sidac is a voltage
breakover (VBO) activated device with no gate, a charging net-
work is essential in this circuit to charge the capacitor above the
peak of the line in order to break over (turn on) the sidac with a
VBO of 220 V to 250 V.
As the sidac turns on each half cycle, the filaments are pre-
heated and in less than 1.5 seconds the lamp is lit. Once the
lamp is lit, the voltage across it clamps to approximately 60 V
peak (for a 15 W to 20 W lamp), and the sidac ceases to function
until the lamp is required to be ignited again.
Figure AN1010.3
120 V ac Sidac Circuit
The circuits illustrated in Figure AN1010.2 and Figure AN1010.3
use 15 W to 20 W lamps. The same basic circuits can be applied
to higher wattage lamps. However, with higher wattage lamps the
voltage developed to fire (light) the lamp will need to be some-
what higher. For instance, a 40 W lamp is critical on line input
voltage to ignite, and after it is lit the voltage across the lamp will
clamp to approximately 130 V peak. For a given type of lamp, the
current must be limited to constant current regardless of the watt-
age of the lamp.
Figure AN1010.4 shows a circuit for igniting a fluorescent lamp
with 240 V line voltage input using triac and diac networks.
120 V ac
Line
Input
Lamp
15 W - 20 W
Optional
Charging
Network
5 µF
400 V
0.047 µF
50 V
220 k
HT-32
MT1
G
MT2
Q401E4
Ballast
14 W - 22 W
1N4004
47 k
120 V ac
Line
Input
Lamp
15 W - 20W
K2400E
Sidac
Optional
Charging
Network
5 µF
400 V
Ballast
14 W - 22W
1N4004
47 k



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com