Electronic Components Datasheet Search
  English  ▼

X  

592D Datasheet(PDF) 5 Page - Vishay Siliconix

Part # 592D
Description  Solid Tantalum Chip Capacitors
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

592D Datasheet(HTML) 5 Page - Vishay Siliconix

  592D Datasheet HTML 1Page - Vishay Siliconix 592D Datasheet HTML 2Page - Vishay Siliconix 592D Datasheet HTML 3Page - Vishay Siliconix 592D Datasheet HTML 4Page - Vishay Siliconix 592D Datasheet HTML 5Page - Vishay Siliconix 592D Datasheet HTML 6Page - Vishay Siliconix 592D Datasheet HTML 7Page - Vishay Siliconix 592D Datasheet HTML 8Page - Vishay Siliconix 592D Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 25 page
background image
592D
www.vishay.com
Vishay Sprague
Revision: 27-Jun-17
5
Document Number: 40004
For technical questions, contact: tantalum@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
10 VDC AT +85 °C; 7 VDC AT +125 °C
4.7
A
592D475(1)010A(2)(3)15H
1.5
0.5
6
6.000
0.10
6.8
A
592D685(1)010A(2)(3)15H
1.5
0.7
6
6.000
0.10
10
A
592D106(1)010A(2)(3)15H
1.5
1.0
6
2.600
0.15
10
B
592D106(1)010B(2)(3)15H
1.5
1.0
6
1.700
0.22
15
B
592D156(1)010B(2)(3)15H
1.5
1.5
6
1.600
0.22
22
A
592D226(1)010A(2)(3)13H
1.3
2.2
6
1.500
0.19
22
B
592D226(1)010B(2)(3)13H
1.3
2.2
6
1.500
0.22
22
B
592D226(1)010B(2)(3)15H
1.5
2.2
6
1.500
0.23
22
C
592D226(1)010C(2)(3)15H
1.5
2.2
6
0.400
0.50
33
C
592D336(1)010C(2)(3)15H
1.5
3.3
6
0.400
0.50
33
D
592D336(1)010D(2)(3)15H
1.5
3.3
6
0.300
0.65
47
B
592D476(1)010B(2)(3)20H
2.0
4.7
6
0.500
0.40
47
D
592D476(1)010D(2)(3)15H
1.5
4.7
6
0.270
0.68
47
R
592D476(1)010R(2)(3)15H
1.5
4.7
6
0.200
0.87
68
B
592D686(1)010B(2)(3)20H
2.0
6.8
6
0.450
0.42
68
C
592D686(1)010C(2)(3)15H
1.5
6.8
6
0.240
0.65
68
D
592D686(1)010D(2)(3)15H
1.5
6.8
6
0.270
0.68
68
R
592D686(1)010R(2)(3)15H
1.5
6.8
6
0.200
0.87
100
B
592D107(1)010B(2)(3)20H
2.0
10.0
14
0.400
0.45
100
C
592D107(1)010C(2)(3)20H
2.0
10.0
8
0.190
0.76
100
D
592D107(1)010D(2)(3)13H
1.3
10.0
8
0.100
1.10
100
D
592D107(1)010D(2)(3)15H
1.5
10.0
8
0.100
1.12
100
R
592D107(1)010R(2)(3)15H
1.5
10.0
6
0.220
0.83
150
C
592D157(1)010C(2)(3)15H
1.5
15.0
8
0.170
0.77
150
C
592D157(1)010C(2)(3)20H
2.0
15.0
8
0.170
0.80
150
D
592D157(1)010D(2)(3)15H
1.5
15.0
8
0.250
0.71
150
D
592D157(1)010D(2)(3)20H
2.0
15.0
8
0.140
1.00
220
D
592D227(1)010D(2)(3)19H
1.9
22.0
8
0.120
1.08
220
D
592D227(1)010D(2)(3)20H
2.0
22.0
8
0.120
1.08
220
R
592D227(1)010R(2)(3)20H
2.0
22.0
8
0.100
1.32
330
D
592D337(1)010D(2)(3)20H
2.0
33.0
8
0.100
1.18
330
R
592D337(1)010R(2)(3)20H
2.0
33.0
8
0.100
1.32
680
X
592D687(1)010X(2)(3)20H
2.0
100.0
15
0.070
1.58
16 VDC AT +85 °C; 10 VDC AT +125 °C
4.7
A
592D475(1)016A(2)(3)15H
1.5
0.8
6
3.500
0.13
6.8
A
592D685(1)016A(2)(3)15H
1.5
1.1
6
3.300
0.13
6.8
B
592D685(1)016B(2)(3)15H
1.5
1.1
6
1.800
0.21
10
B
592D106(1)016B(2)(3)15H
1.5
1.6
6
1.600
0.22
10
C
592D106(1)016C(2)(3)15H
1.5
1.6
6
1.000
0.32
15
B
592D156(1)016B(2)(3)15H
1.5
2.4
6
1.400
0.24
15
C
592D156(1)016C(2)(3)15H
1.5
2.4
6
1.300
0.28
15
D
592D156(1)016D(2)(3)15H
1.5
2.4
6
0.500
0.50
STANDARD RATINGS
CAPACITANCE
(μF)
CASE
CODE
PART NUMBER
HEIGHT
MAX.
(mm)
MAX. DCL
AT +25 °C
(μA)
MAX. DF
AT +25 °C
120 Hz
(%)
MAX. ESR
AT +25 °C
100 kHz
(
Ω)
MAX. RIPPLE
100 kHz
IRMS
(A)
Note
• Part number definitions:
(1) Tolerance: for 10 % tolerance, specify “X9”; for 20 % tolerance, change to “X0”
(2) Termination: for 100 % tin specify “2”, for gold plated specify “4”, for solder plated 60/40 specify “8”
(3) Packaging code: for 7" reels specify “T”, for 13" reels specify “W”



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com