Electronic Components Datasheet Search
  English  ▼

X  

592D Datasheet(PDF) 1 Page - Vishay Siliconix

Part # 592D
Description  Solid Tantalum Chip Capacitors
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

592D Datasheet(HTML) 1 Page - Vishay Siliconix

  592D Datasheet HTML 1Page - Vishay Siliconix 592D Datasheet HTML 2Page - Vishay Siliconix 592D Datasheet HTML 3Page - Vishay Siliconix 592D Datasheet HTML 4Page - Vishay Siliconix 592D Datasheet HTML 5Page - Vishay Siliconix 592D Datasheet HTML 6Page - Vishay Siliconix 592D Datasheet HTML 7Page - Vishay Siliconix 592D Datasheet HTML 8Page - Vishay Siliconix 592D Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 25 page
background image
592D
www.vishay.com
Vishay Sprague
Revision: 27-Jun-17
1
Document Number: 40004
For technical questions, contact: tantalum@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Solid Tantalum Chip Capacitors TANTAMOUNT™,
Low Profile, Low ESR, Conformal Coated, Maximum CV
PERFORMANCE CHARACTERISTICS
www.vishay.com/doc?40194
Operating Temperature: -55 °C to +125 °C
(above 85 °C, voltage derating is required)
Capacitance Range: 1 μF to 2200 μF
Capacitance Tolerance: ± 10 %, ± 20 % standard
Voltage Rating: 4 VDC to 50 VDC
FEATURES
• New robust ratings for pulsed applications
• 1.0 mm to 2.5 mm height
• Terminations: 100 % matte tin (2) standard,
tin / lead available
• Mounting: surface mount
• 8 mm, 12 mm tape and reel packaging available
per EIA 481 and reeling per IEC 60286-3
7" [178 mm] standard
13" [330 mm] available
• Case code compatibility with EIA 535BAAC and CECC 30801
• See also 592W for additional ratings designs for pulsed
applications
• Material categorization: for definitions of compliance
please see www.vishay.com/doc?99912
Note
* This datasheet provides information about parts that are
RoHS-compliant and / or parts that are non RoHS-compliant. For
example, parts with lead (Pb) terminations are not RoHS-compliant.
Please see the information / tables in this datasheet for details
Note
• Preferred tolerance and reel sizes are in bold.
We reserve the right to substitute form-fit-function replacement products with higher voltage rating, tighter capacitance tolerance or lower
ESR (e.g., 591D series)
Available
Available
Available
ORDERING INFORMATION
592D
106
X0
010
B
2
T
15H
TYPE
CAPACITANCE
CAPACITANCE
TOLERANCE
DC VOLTAGE RATING
AT +85 °C
CASE
CODE
TERMINATION
REEL SIZE AND
PACKAGING
SUFFIX
This is expressed
in picofarads. The
first two digits are
the significant
figures. The third
is the number of
zeros to follow.
X0 = ± 20 %
X9 = ± 10 %
This is expressed in
volts. To complete the
three-digit block, zeros
precede the voltage
rating. A decimal point
is indicated by an “R”
(6R3 = 6.3 V).
See
Ratings
and Case
Codes
table
2 = 100 % tin
4 = gold plated
8 = solder
plated 60/40
Special order
T = tape and reel
7" [178 mm] reel
W = 13" [330 mm] reel
Maximum
height (mm)
see
Standard
Ratings
table


Similar Part No. - 592D

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
592D VISHAY-592D Datasheet
201Kb / 11P
Solid Tantalum Chip Capacitors TANTAMOUNT, Low Profile, Conformal Coated, Maximum CV
20-Oct-04
592D VISHAY-592D Datasheet
142Kb / 9P
Solid Tantalum Chip Capacitors TANTAMOUNT® , Low Profile, Conformal Coated, Maximum CV
22-Aug-08
592D VISHAY-592D Datasheet
401Kb / 21P
Solid Tantalum Chip Capacitors, TANTAMOUNT™, Conformal Coated, Maximum CV, Low ESR
Revision: 06-Nov-2025
592D105X-035A2-15H VISHAY-592D105X-035A2-15H Datasheet
201Kb / 11P
Solid Tantalum Chip Capacitors TANTAMOUNT, Low Profile, Conformal Coated, Maximum CV
20-Oct-04
592D105X-035B2-15H VISHAY-592D105X-035B2-15H Datasheet
201Kb / 11P
Solid Tantalum Chip Capacitors TANTAMOUNT, Low Profile, Conformal Coated, Maximum CV
20-Oct-04
More results

Similar Description - 592D

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
CWR11DB105MBA KEMET-CWR11DB105MBA Datasheet
672Kb / 5P
SOLID TANTALUM CHIP CAPACITORS
T494A105M035AT KEMET-T494A105M035AT Datasheet
751Kb / 7P
SOLID TANTALUM CHIP CAPACITORS
T495 KEMET-T495 Datasheet
726Kb / 8P
SOLID TANTALUM CHIP CAPACITORS
T498 KEMET-T498 Datasheet
959Kb / 5P
SOLID TANTALUM CHIP CAPACITORS
T510 KEMET-T510 Datasheet
981Kb / 5P
SOLID TANTALUM CHIP CAPACITORS
logo
Cornell Dubilier Electr...
T491T156K004AS CDE-T491T156K004AS Datasheet
277Kb / 4P
Solid Tantalum Chip Capacitors
logo
Vishay Siliconix
597D227X9020R2T VISHAY-597D227X9020R2T Datasheet
827Kb / 20P
Solid Tantalum Chip Capacitors
25-Jun-13
logo
Kemet Corporation
T495D476K010ATE200 KEMET-T495D476K010ATE200 Datasheet
727Kb / 8P
SOLID TANTALUM CHIP CAPACITORS
logo
Vishay Siliconix
594D VISHAY-594D_17 Datasheet
313Kb / 20P
Solid Tantalum Chip Capacitors
21-Jun-17
TM8 VISHAY-TM8_17 Datasheet
423Kb / 18P
Solid Tantalum Chip Capacitors
09-Mar-17
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com