Electronic Components Datasheet Search
  English  ▼

X  

592D Datasheet(PDF) 3 Page - Vishay Siliconix

Part # 592D
Description  Solid Tantalum Chip Capacitors
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

592D Datasheet(HTML) 3 Page - Vishay Siliconix

  592D Datasheet HTML 1Page - Vishay Siliconix 592D Datasheet HTML 2Page - Vishay Siliconix 592D Datasheet HTML 3Page - Vishay Siliconix 592D Datasheet HTML 4Page - Vishay Siliconix 592D Datasheet HTML 5Page - Vishay Siliconix 592D Datasheet HTML 6Page - Vishay Siliconix 592D Datasheet HTML 7Page - Vishay Siliconix 592D Datasheet HTML 8Page - Vishay Siliconix 592D Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 25 page
background image
592D
www.vishay.com
Vishay Sprague
Revision: 27-Jun-17
3
Document Number: 40004
For technical questions, contact: tantalum@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
STANDARD RATINGS
CAPACITANCE
(μF)
CASE
CODE
PART NUMBER
HEIGHT
MAX.
(mm)
MAX. DCL
AT +25 °C
(μA)
MAX. DF
AT +25 °C
120 Hz
(%)
MAX. ESR
AT +25 °C
100 kHz
(
Ω)
MAX. RIPPLE
100 kHz
IRMS
(A)
4 VDC AT +85 °C; 2.7 VDC AT +125 °C
22
A
592D226(1)004A(2)(3)15H
1.5
0.9
6
2.400
0.16
22
B
592D226(1)004B(2)(3)15H
1.5
0.9
6
1.600
0.22
33
B
592D336(1)004B(2)(3)15H
1.5
1.3
6
1.600
0.22
47
C
592D476(1)004C(2)(3)15H
1.5
1.9
6
0.400
0.50
68
B
592D686(1)004B(2)(3)15H
1.5
2.7
6
1.400
0.24
68
C
592D686(1)004C(2)(3)15H
1.5
2.7
6
0.350
0.53
68
D
592D686(1)004D(2)(3)15H
1.5
2.7
6
0.270
0.68
100
A
592D107(1)004A(2)(3)12H
1.2
4.0
24
1.000
0.23
100
B
592D107(1)004B(2)(3)20H
2.0
4.0
8
0.450
0.42
100
C
592D107(1)004C(2)(3)15H
1.5
4.0
8
0.450
0.47
100
D
592D107(1)004D(2)(3)15H
1.5
4.0
8
0.350
0.60
100
R
592D107(1)004R(2)(3)15H
1.5
4.0
8
0.260
0.76
150
B
592D157(1)004B(2)(3)20H
2.0
6.0
8
0.450
0.42
150
C
592D157(1)004C(2)(3)15H
1.5
6.0
8
0.450
0.47
150
D
592D157(1)004D(2)(3)15H
1.5
6.0
8
0.360
0.59
150
R
592D157(1)004R(2)(3)15H
1.5
6.0
8
0.250
0.77
220
C
592D227(1)004C(2)(3)20H
2.0
8.8
8
0.200
0.74
220
D
592D227(1)004D(2)(3)15H
1.5
8.8
8
0.200
0.79
220
R
592D227(1)004R(2)(3)15H
1.5
8.8
8
0.190
0.89
330
C
592D337(1)004C(2)(3)20H
2.0
13.2
8
0.120
0.96
330
D
592D337(1)004D(2)(3)20H
2.0
13.2
8
0.120
1.02
470
C
592D477(1)004C(2)(3)20H
2.0
18.8
8
0.100
1.05
470
D
592D477(1)004D(2)(3)14H
1.4
18.8
8
0.140
0.93
470
D
592D477(1)004D(2)(3)15H
1.5
18.8
8
0.140
0.94
470
D
592D477(1)004D(2)(3)20H
2.0
18.8
8
0.100
1.18
470
R
592D477(1)004R(2)(3)20H
2.0
18.8
10
0.100
1.32
680
D
592D687(1)004D(2)(3)20H
2.0
27.2
12
0.100
1.18
680
R
592D687(1)004R(2)(3)20H
2.0
27.2
12
0.100
1.32
1000
R
592D108(1)004R(2)(3)20H
2.0
40.0
14
0.200
0.94
1500
X
592D158(1)004X(2)(3)20H
2.0
60.0
20
0.040
2.09
2200
X
592D228(1)004X(2)(3)20H
2.0
88.0
25
0.055
1.78
2200
X
592D228(1)004X(2)(3)25H
2.5
88.0
25
0.040
2.12
6.3 VDC AT +85 °C; 4 VDC AT +125 °C
10
A
592D106(1)6R3A(2)(3)15H
1.5
0.6
6
2.700
0.15
15
A
592D156(1)6R3A(2)(3)15H
1.5
0.9
6
2.500
0.15
15
B
592D156(1)6R3B(2)(3)15H
1.5
0.9
6
1.700
0.22
22
A
592D226(1)6R3A(2)(3)10H
1.0
1.4
12
4.000
0.11
22
A
592D226(1)6R3A(2)(3)13H
1.3
1.4
6
1.500
0.19
22
A
592D226(1)6R3A(2)(3)15H
1.5
1.4
6
1.500
0.20
22
B
592D226(1)6R3B(2)(3)15H
1.5
1.4
6
1.500
0.23
33
A
592D336(1)6R3A(2)(3)15H
1.5
2.1
6
1.700
0.19
33
B
592D336(1)6R3B(2)(3)15H
1.5
2.1
6
1.400
0.24
33
C
592D336(1)6R3C(2)(3)15H
1.5
2.1
6
0.400
0.50
33
S
592D336(1)6R3S(2)(3)12H
1.2
2.1
10
2.000
0.17
47
A
592D476(1)6R3A(2)(3)13H
1.3
2.7
14
2.000
0.16
47
A
592D476(1)6R3A(2)(3)15H
1.5
2.7
14
2.000
0.17
47
B
592D476(1)6R3B(2)(3)12H
1.2
3.0
8
1.400
0.23
47
B
592D476(1)6R3B(2)(3)15H
1.5
3.0
8
1.400
0.24
Note
• Part number definitions:
(1) Tolerance: for 10 % tolerance, specify “X9”; for 20 % tolerance, change to “X0”
(2) Termination: for 100 % tin specify “2”, for gold plated specify “4”, for solder plated 60/40 specify “8”
(3) Packaging code: for 7" reels specify “T”, for 13" reels specify “W”



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com