Electronic Components Datasheet Search
  English  ▼

X  

TL8 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # TL8
Description  Solid Tantalum Chip Capacitors, MICROTAN® , High CV Leadframeless Molded Low Profile
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TL8 Datasheet(HTML) 1 Page - Vishay Siliconix

  TL8 Datasheet HTML 1Page - Vishay Siliconix TL8 Datasheet HTML 2Page - Vishay Siliconix TL8 Datasheet HTML 3Page - Vishay Siliconix TL8 Datasheet HTML 4Page - Vishay Siliconix TL8 Datasheet HTML 5Page - Vishay Siliconix TL8 Datasheet HTML 6Page - Vishay Siliconix TL8 Datasheet HTML 7Page - Vishay Siliconix TL8 Datasheet HTML 8Page - Vishay Siliconix TL8 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
TL8
www.vishay.com
Vishay Sprague
Revision: 11-May-16
1
Document Number: 40156
For technical questions, contact: tantalum@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Solid Tantalum Chip Capacitors, MICROTAN®,
High CV Leadframeless Molded Low Profile
FEATURES
• Ultra-low profile: 0.8 mm to 1.0 mm in a variety
of case sizes
• Highest capacitance-voltage product in industry
• Lead
(Pb)­free
L-shaped
terminations
for
superior board mounting
• Material categorization:
for
definitions
of
compliance
please
see
www.vishay.com/doc?99912
PERFORMANCE CHARACTERISTICS
www.vishay.com/doc?40169
Operating Temperature: -55 °C to +125 °C
(above 40 °C, voltage derating is required)
Capacitance Tolerance: ± 10 % ± 20 %
Voltage Range: 4 VDC to 25 VDC
Capacitance Range: 0.68 μF to 220 μF
Note
• Preferred tolerance and reel sizes are in bold.
We reserve the right to supply higher voltage ratings and tighter capacitance tolerance capacitors in the same case size.
Voltage substitutions will be marked with the higher voltage rating.
ORDERING INFORMATION
TL8
A0
227
M
004
C
TYPE
CASE CODE
CAPACITANCE
CAPACITANCE
TOLERANCE
DC VOLTAGE RATING
AT +85 °C
TERMINATION /
PACKAGING
See Ratings
and Case
Codes table.
This is expressed
in pF. The first two
digits are the
significant figures.
The third is the
number of zeros
to follow.
M = ± 20 %
K = ± 10 %
This is expressed in V.
To complete the three-digit
block, zeros precede the
voltage rating. A decimal
point is indicated by an “R”
(6R3 = 6.3 V).
C = 100 % tin
7" (178 mm) reel
DIMENSIONS in inches [millimeters]
CASE CODE
H (MAX.)
L
W
P1
P2 (REF.)
C
W9
0.035
[0.9]
0.079 ± 0.008
[2.00 ± 0.20]
0.050 ± 0.008
[1.25 ± 0.20]
0.020 ± 0.004
[0.50 ± 0.10]
0.040
[1.00]
0.035 ± 0.004
[0.90 ± 0.10]
A0
0.039
[1.0]
0.126 ± 0.008
[3.20 ± 0.20]
0.063 ± 0.008
[1.60 ± 0.20]
0.031 ± 0.004
[0.80 ± 0.10]
0.063
[1.60]
0.047 ± 0.004
[1.20 ± 0.10]
B0
0.039
[1.0]
0.138 ± 0.008
[3.50 ± 0.20]
0.110 ± 0.008
[2.80 ± 0.20]
0.031 ± 0.004
[0.80 ± 0.20]
0.078
[1.95]
0.095 ± 0.004
[2.40 ± 0.10]
L
Anode Polarity Bar
Anode Termination
H
W
P1
C
P2
P1
Cathode Termination


Similar Part No. - TL8

ManufacturerPart #DatasheetDescription
logo
TiMOTION Technology Co....
TL8 TIMOTION-TL8 Datasheet
482Kb / 6P
Max. load 2,000N (push)
20220712-L
logo
STMicroelectronics
TL8006 STMICROELECTRONICS-TL8006 Datasheet
262Kb / 4P
SCR
Mar-1995
logo
List of Unclassifed Man...
TL801 ETC2-TL801 Datasheet
112Kb / 1P
TYPICAL INSTALLATION DIAGRAM
TL801 ETC2-TL801 Datasheet
112Kb / 1P
TYPICAL INSTALLATIION DIAGRAM
TL802 ETC2-TL802 Datasheet
112Kb / 1P
TYPICAL INSTALLATION DIAGRAM
More results

Similar Description - TL8

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
298D VISHAY-298D_08 Datasheet
213Kb / 11P
Solid Tantalum Chip Capacitors MICROTAN™ Leadframeless Molded
01-Sep-08
TR8 VISHAY-TR8 Datasheet
138Kb / 9P
Solid Tantalum Chip Capacitors MICROTANTM Low ESR, Leadframeless Molded
09-Aug-11
TR8M106M010C2000 VISHAY-TR8M106M010C2000 Datasheet
142Kb / 10P
Solid Tantalum Chip Capacitors MICROTAN® Low ESR, Leadframeless Molded
21-Mar-13
TL8A0227M004C VISHAY-TL8A0227M004C Datasheet
130Kb / 10P
Solid Tantalum Chip Capacitors, MICROTAN® , High CV Leadframeless Molded Low Profile
15-Jan-13
292D336X06R3P2T VISHAY-292D336X06R3P2T Datasheet
129Kb / 8P
Solid Tantalum Chip Capacitors, TANTAMOUNT® , Leadframeless Molded
16-Sep-09
298D VISHAY-298D_17 Datasheet
419Kb / 18P
Solid Tantalum Chip Capacitors 298D MICROTAN®, 298W Extended Range MICROTAN® , Leadframeless Molded
18-Jul-17
DLA11020 VISHAY-DLA11020 Datasheet
406Kb / 16P
Solid Tantalum Chip Capacitors MICROTAN® DLA Approved, Leadframeless Molded
18-May-16
TP8 VISHAY-TP8 Datasheet
431Kb / 17P
Solid Tantalum Chip Capacitors, MICROTAN® , High CV Leadframeless Molded Automotive Grade
11-May-16
TR8 VISHAY-TR8_17 Datasheet
408Kb / 16P
Solid Tantalum Chip Capacitors MICROTAN® Low ESR, Leadframeless Molded
18-Jul-17
298D VISHAY-298D_V01 Datasheet
485Kb / 18P
Solid Tantalum Chip Capacitors 298D MICROTAN®, 298W Extended Range MICROTAN® Leadframeless Molded
06-Sep-2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com