Electronic Components Datasheet Search
  English  ▼

X  

TL8 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # TL8
Description  Solid Tantalum Chip Capacitors, MICROTAN® , High CV Leadframeless Molded Low Profile
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TL8 Datasheet(HTML) 3 Page - Vishay Siliconix

  TL8 Datasheet HTML 1Page - Vishay Siliconix TL8 Datasheet HTML 2Page - Vishay Siliconix TL8 Datasheet HTML 3Page - Vishay Siliconix TL8 Datasheet HTML 4Page - Vishay Siliconix TL8 Datasheet HTML 5Page - Vishay Siliconix TL8 Datasheet HTML 6Page - Vishay Siliconix TL8 Datasheet HTML 7Page - Vishay Siliconix TL8 Datasheet HTML 8Page - Vishay Siliconix TL8 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
TL8
www.vishay.com
Vishay Sprague
Revision: 11-May-16
3
Document Number: 40156
For technical questions, contact: tantalum@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
STANDARD RATINGS
CAPACITANCE
(μF)
CASE CODE
PART NUMBER
MAX. DCL
AT +25 °C
(μA)
MAX. DF
AT +25 °C
120 Hz
(%)
MAX. ESR
AT +25 °C
100 kHz
(
)
MAX. RIPPLE
100 kHz
IRMS
(A)
4 VDC AT +40 °C; 2.5 VDC +85 °C; 1.6 VDC AT +125 °C
10
W9
TL8W9106(1)004C
0.5
8
5.0
0.084
22
W9
TL8W9226M004C
0.9
15
4.0
0.094
33
W9
TL8W9336M004C
2.6
30
4.0
0.094
47
W9
TL8W9476M004C
3.8
40
7.5
0.068
220
A0
TL8A0227M004C
88
80
7.0
0.089
6.3 VDC AT +40 °C; 4.0 VDC +85 °C; 2.5 VDC AT +125 °C
2.2
W9
TL8W9225(1)6R3C
0.5
10
5.0
0.084
3.3
W9
TL8W9335(1)6R3C
0.5
8
6.0
0.076
4.7
W9
TL8W9475(1)6R3C
0.5
8
3.0
0.108
10
W9
TL8W9106(1)6R3C
0.6
8
5.0
0.084
15
W9
TL8W9156(1)6R3C
1.0
20
7.0
0.071
22
W9
TL8W9226M6R3C
2.8
20
5.5
0.080
33
W9
TL8W9336M6R3C
4.2
30
7.5
0.068
100
A0
TL8A0107M6R3C
6.3
30
1.1
0.220
10 VDC AT +40 °C; 6.3 VDC +85 °C; 4.0 VDC AT +125 °C
1.0
W9
TL8W9105(1)010C
0.5
6
12.0
0.054
1.5
W9
TL8W9155(1)010C
0.5
6
14.0
0.050
2.2
W9
TL8W9225(1)010C
0.5
10
10.0
0.059
3.3
W9
TL8W9335(1)010C
0.5
8
6.0
0.076
4.7
W9
TL8W9475(1)010C
0.5
6
5.0
0.084
10
W9
TL8W9106(1)010C
1.0
20
7.5
0.068
15
W9
TL8W9156M010C
1.5
30
7.5
0.068
22
W9
TL8W9226M010C
22
40
10.0
0.084
47
A0
TL8A0476M010C
15
30
5.0
0.105
100
A0
TL8A0107M010C
100
50
7.0
0.089
16 VDC AT +40 °C; 10 VDC +85 °C; 6.3 VDC AT +125 °C
1.0
W9
TL8W9105(1)016C
0.5
6
12.0
0.054
2.2
W9
TL8W9225(1)016C
0.5
10
12.0
0.054
4.7
W9
TL8W9475M016C
0.8
12
12.0
0.054
20 VDC AT +40 °C; 13 VDC +85 °C; 8 VDC AT +125 °C
0.68
W9
TL8W9684(1)020C
0.5
6
20.0
0.042
1.0
W9
TL8W9105(1)020C
0.5
6
10.0
0.059
33
B0
TL8B0336M020C
33
15
5.0
0.118
25 VDC AT +40 °C; 17 VDC +85 °C; 10 VDC AT +125 °C
0.68
W9
TL8W9684(1)025C
0.5
6
20.0
0.042
1.0
W9
TL8W9105(1)025C
0.5
6
10.0
0.059
Note
• Part number definition:
(1) Capacitance tolerance: K = 10 %, M = 20 %



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com