Electronic Components Datasheet Search
  English  ▼

X  

TL8 Datasheet(PDF) 4 Page - Vishay Siliconix

Part # TL8
Description  Solid Tantalum Chip Capacitors, MICROTAN® , High CV Leadframeless Molded Low Profile
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TL8 Datasheet(HTML) 4 Page - Vishay Siliconix

  TL8 Datasheet HTML 1Page - Vishay Siliconix TL8 Datasheet HTML 2Page - Vishay Siliconix TL8 Datasheet HTML 3Page - Vishay Siliconix TL8 Datasheet HTML 4Page - Vishay Siliconix TL8 Datasheet HTML 5Page - Vishay Siliconix TL8 Datasheet HTML 6Page - Vishay Siliconix TL8 Datasheet HTML 7Page - Vishay Siliconix TL8 Datasheet HTML 8Page - Vishay Siliconix TL8 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
TL8
www.vishay.com
Vishay Sprague
Revision: 11-May-16
4
Document Number: 40156
For technical questions, contact: tantalum@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
STANDARD PACKAGING QUANTITY
CASE CODE
QUANTITY (pcs/reel)
7" REEL
A0
2500
W9
3000
B0
3000
RECOMMENDED VOLTAGE DERATING
-55 °C TO +40 °C RATING
+40 °C TO +85 °C RATING
+85 °C TO +125 °C RATING
RATED VOLTAGE
(V)
CATEGORY VOLTAGE
(V)
CATEGORY VOLTAGE
(V)
4.0
2.5
1.6
6.3
4.0
2.5
10
6.3
4.0
16
10
6.3
20
13
8.0
25
17
10
VOLTAGE VS. TEMPERATURE RATING
POWER DISSIPATION
CASE CODE
MAXIMUM PERMISSIBLE POWER DISSIPATION AT +25 °C (W) IN FREE AIR
A0
0.055
W9
0.035
B0
0.070
PRODUCT INFORMATION
Micro Guide
www.vishay.com/doc?40115
Pad Dimensions
Packaging Dimensions
Moisture Sensitivity
www.vishay.com/doc?40135
Typical Performance Characteristics
www.vishay.com/doc?40169
SELECTOR GUIDES
Solid Tantalum Selector Guide
www.vishay.com/doc?49053
Solid Tantalum Chip Capacitors
www.vishay.com/doc?40091
FAQ
Frequently Asked Questions
www.vishay.com/doc?40110
120
100
100 %
80
60
40
20
0
40 %
- 55
+ 40
0
+ 85
+ 125
80 %
33 %
63 %
80 %
TEMPERATURE (°C)
100 %
100 %
80 %
50 %
Rated range
Recommended
derating
TL8 recommended derating



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com