Electronic Components Datasheet Search
  English  ▼

X  

TMS417809 Datasheet(PDF) 8 Page - Texas Instruments

Part # TMS417809
Description  2097152-WORD BY 8-BIT HIGH-SPEED DRAMS
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS417809 Datasheet(HTML) 8 Page - Texas Instruments

Back Button TMS417809 Datasheet HTML 4Page - Texas Instruments TMS417809 Datasheet HTML 5Page - Texas Instruments TMS417809 Datasheet HTML 6Page - Texas Instruments TMS417809 Datasheet HTML 7Page - Texas Instruments TMS417809 Datasheet HTML 8Page - Texas Instruments TMS417809 Datasheet HTML 9Page - Texas Instruments TMS417809 Datasheet HTML 10Page - Texas Instruments TMS417809 Datasheet HTML 11Page - Texas Instruments TMS417809 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 28 page
background image
TMS416809, TMS417809
2097152-WORD BY 8-BIT HIGH-SPEED DRAMS
SMKS885A – DECEMBER 1995 – REVISED MARCH 1996
8
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251–1443
electrical characteristics over recommended ranges of supply voltage and operating free-air
temperature (unless otherwise noted)
TMS416809
PARAMETER
TEST CONDITIONS†
’416809 - 60
’416809 - 70
’416809 - 80
UNIT
PARAMETER
TEST CONDITIONS†
MIN
MAX
MIN
MAX
MIN
MAX
UNIT
VOH
High-level output
voltage
IOH = – 5 mA
2.4
2.4
2.4
V
VOL
Low-level output voltage
IOL = 4.2 mA
0.4
0.4
0.4
V
II
Input current (leakage)
VCC = 5.5 V,
VI = 0 V to 6.5 V,
All others = 0 V to VCC
± 10
± 10
± 10
µA
IO
Output current
(leakage)
VCC = 5.5 V,
VO = 0 V to VCC,
CAS high
± 10
± 10
± 10
µA
ICC1‡§
Read- or write-cycle
current
VCC = 5.5 V,
Minimum cycle
80
70
60
mA
ICC2
Standby current
VIH = 2.4 V ( TTL),
After 1 memory cycle,
RAS and CAS high
2
2
2
mA
ICC2
Standby current
VIH = VCC – 0.2 V (CMOS),
After 1 memory cycle,
RAS and CAS high
1
1
1
mA
ICC3‡§
Average refresh current
(RAS-only refresh or
CBR)
VCC = 5.5 V,
Minimum cycle,
RAS cycling,
CAS high (RAS only),
RAS low after CAS low (CBR)
80
70
60
mA
ICC4‡¶ Average EDO current
VCC = 5.5 V,
tHPC = MIN,
RAS low,
CAS cycling
90
80
70
mA
† For conditions shown as MIN / MAX, use the appropriate value specified in the timing requirements.
‡ Measured with outputs open
§ Measured with a maximum of one address change while RAS = VIL
¶ Measured with a maximum of one address change while CAS = VIH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com