Electronic Components Datasheet Search
  English  ▼

X  

MAP130 Datasheet(PDF) 2 Page - Bel Fuse Inc.

Part # MAP130
Description  RoHS Compliant
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

MAP130 Datasheet(HTML) 2 Page - Bel Fuse Inc.

  MAP130 Datasheet HTML 1Page - Bel Fuse Inc. MAP130 Datasheet HTML 2Page - Bel Fuse Inc. MAP130 Datasheet HTML 3Page - Bel Fuse Inc. MAP130 Datasheet HTML 4Page - Bel Fuse Inc. MAP130 Datasheet HTML 5Page - Bel Fuse Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2
MAP130 Series
tech.support@psbel.com
MODEL6
OUTPUT
VOLTAGE
ADJUSTMENT
RANGE
CONTINUOUS
CURRENT
PEAK
CURRENT1
LINE
REGULATION
LOAD
REGULATION
RIPPLE
&
NOISE2
INITIAL SETTING
ACCURACY
MAP130-1005G
5V
4.75V to 5.50V
26A
30A
0.2%
1%
1%
5.1V to 5.2V
MAP130-1012G
12/15V
11.4V to 15.75V
12A/10A3
13.8A/11A3
0.2%
1%
1%
12.0V to 12.2V
MAP130-1024G
24V/28V
22.5V to 30.0V
6.25A/5.4A3
6.8A/5.9A3
0.2%
1%
1%
23.9V to 24.1V
MODEL6
OUTPUT
VOLTAGE
ADJUSTMENT RANGE
OUTPUT
CURRENT
PEAK
CURRENT4
LINE REGULATION
LOAD
REGULATION
RIPPLE &
NOISE5
INITIAL SETTING
ACCURACY
MAP130-4000G
+5V
4.75V to 5.50V
20A
30A
0.2%
1%
1%
5.1V to 5.2V
+12V
11.5V to 12.5V
5A
10A
0.5%
2%
1%
11.75V to 12.0V
-5V
Fixed
1A
1A
0.5%
2%
1%
-4.8V to -5.2V
-12V
Fixed
1A
1A
0.5%
2%
1%
-11.6V to -12.4V
MAP130-400G
+5V
4.75V to 5.50V
20A
30A
0.2%
1%
1%
5.1V to 5.2V
+24V
23.0V to 25.0V
3.5A
5A
0.5%
2%
1%
23.9V to 24.1V
-12V
Fixed
1A
1A
0.5%
2%
1%
-11.6V to -12.4V
+12V
Fixed
1A
1A
0.5%
2%
1%
-11.6V to -12.4V
MAP130-4002G
+5V
4.75V to 5.50V
20A
30A
0.2%
1%
1%
5.1V to 5.2V
+12V
11.5V to 12.5V
5A
10A
0.5%
2%
1%
11.9V to 12.1V
-12V
Fixed
1A
1A
0.5%
2%
1%
-11.6V to -12.4V
+12V
Fixed
1A
1A
0.5%
2%
1%
11.6V to 12.4V
MAP130-4003G
+5V
4.75V to 5.50V
20A
30A
1%
1%
1%
5.1V to 5.2V
+15V
14.0V to 16.0V
4A
8A
1%
2%
1%
15.0V to 15.1V
-5V
Fixed
1A
1A
2%
2%
1%
-4.8V to -5.2V
-15V
Fixed
1A
1A
2%
2%
1%
-14.7V to -15.3V
MAP130-4010G
+5V
4.75V to 5.50V
20A
30A
0.2%
1%
1%
5.1V to 5.25V
+12V
11.5V to 12.8V
5A
10A
0.5%
2%
1%
11.75V to 12.0V
-5V
Fixed
1A
1A
0.5%
2%
1%
-4.8V to -5.2V
-12V
Fixed
3A
3A
0.5%
2%
1%
-11.6V to -12.4V
1 Peak load for 60 seconds or less are acceptable, 10% duty cycle, maximum.
2 Typical peak to peak noise expressed as a percentage of output voltage, 20MHz bandwidth.
3 MAP130-1012 output currents are expressed as 12V/15V operation. MAP130-1024 output currents are expressed as 24V/28V operation.
4 Peak loads up to 165 Watts, (total of all outputs), for 60 seconds or less are acceptable, (10% duty cycle max.).
5 Maximum peak to peak noise expressed as a percentage of output voltage, 20MHz bandwidth.
6 Non-G models use lead solder exemption
Model numbers highlighted in yellow are not recommended for new designs.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com