Electronic Components Datasheet Search
  English  ▼

X  

MAP130 Datasheet(PDF) 3 Page - Bel Fuse Inc.

Part # MAP130
Description  RoHS Compliant
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

MAP130 Datasheet(HTML) 3 Page - Bel Fuse Inc.

  MAP130 Datasheet HTML 1Page - Bel Fuse Inc. MAP130 Datasheet HTML 2Page - Bel Fuse Inc. MAP130 Datasheet HTML 3Page - Bel Fuse Inc. MAP130 Datasheet HTML 4Page - Bel Fuse Inc. MAP130 Datasheet HTML 5Page - Bel Fuse Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
MAP130 Series
3
Asia-Pacific
+86 755 298 85888
Europe, Middle East
+353 61 225 977
North America
+1 408 785 5200
© 2016 Bel Power Solutions & Protection
BCD.00567_AC
PARAMETER
CONDITIONS / DESCRIPTION
MIN
NOM
MAX
UNITS
Input Voltage - AC
Auto-ranging
Low Range
High Range
90
175
115
230
132
264
VAC
Input Frequency
AC input
47
63
Hz
Brown Out Protection
Lowest AC input voltage when regulation is maintained with full rated
loads.
90
VAC
Hold-up Time
Nominal AC input voltage (115 VAC)
130 W load:
40
mS
Input Current
90 VAC, 130 W load
3.3
ARMS
Input Protection
Non-user serviceable internally located AC input line fuse.
Inrush Surge Current
Internally limited by thermistor. Vin = 264 VAC (one cycle). 25° C.
38
APK
Operating Frequency
Switching frequency of main transformer.
Range:
16
120
kHz
PARAMETER
CONDITIONS / DESCRIPTION
MIN
NOM
MAX
UNITS
Efficiency
Full Load @ 115 VAC (Varies with distribution of loads among outputs.)
71% typical
Minimum Loads
MAP130-1012
MAP130-1024
MAP130-1005 and all multiple output models, main channel only
1.25
0.63
3.00
Amps
Ripple and Noise
Full Load, 20 MHz Bandwidth.
See Model Selection Chart
Output Power
Continuous output power, all multiple output models.
Peak output power (60s max., 10% duty cycle), all multiple output models.
130
165
Watts
Overshoot / Undershoot
Output voltage overshoot/undershoot at turn-on / turn-off.
1
%
Regulation
Varies by output, regulation includes: line changes from 90-132 VAC or
175-264V, changes in load starting at 20% load and changing to 100%
load.
See Model Selection Chart
Transient Response
Recovery time, to within 1% of initial set point due to a 50-100% load
change, 4% max. deviation. (Main output only on multiple output units).
500
µS
Turn-on Delay
Time required for initial output voltage stabilization.
2
Sec
Turn-on Rise Time
Time required for output voltage to rise from 10% to 90%.
20
mS
PARAMETER
CONDITIONS / DESCRIPTION
MIN
NOM
MAX
UNITS
Overvoltage Protection
Provided on single output units and only the main
output of multiple output units.
MAP130-1012
MAP130-1024
All other models
17.0
32.0
5.5
22.0
37.0
6.8
VDC
Overcurrent Protection
All models have inherent short circuit protection.
Units will automatically restart at the removal of the fault.
Remote Sense
Total voltage compensation for main output cable losses.
250
mV
Power Fail Warning 7
Logic LO (denotes power fail detected).
0.7
V
Logic HI with internal pull-up to output.
10
k
Ω
Power Fail trip point, maximum load, decreasing line.
86
94
VAC
Time before regulation dropout, at full load, due to loss of input power.
5
ms
Overtemperature Warning 8
Warning prior to system shutdown due to excessive internal
temperatures. Shifts Power Fail signal to a logic LO state.
20
ms
7 Power Fail not available on MAP130-1012 and MAP130-1024.
8 MAP130-1012 and MAP130-1024 have overtemperature protection, but do not have the warning feature.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com