Electronic Components Datasheet Search
  English  ▼

X  

MAP130 Datasheet(PDF) 4 Page - Bel Fuse Inc.

Part # MAP130
Description  RoHS Compliant
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

MAP130 Datasheet(HTML) 4 Page - Bel Fuse Inc.

  MAP130 Datasheet HTML 1Page - Bel Fuse Inc. MAP130 Datasheet HTML 2Page - Bel Fuse Inc. MAP130 Datasheet HTML 3Page - Bel Fuse Inc. MAP130 Datasheet HTML 4Page - Bel Fuse Inc. MAP130 Datasheet HTML 5Page - Bel Fuse Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
4
MAP130 Series
tech.support@psbel.com
PARAMETER
CONDITIONS / DESCRIPTION
MIN
NOM
MAX
UNITS
Agency Approvals
Approved to the latest edition of the following standards;
UL/CSA60950-1 2nd, IEC60950-1 2nd and EN60950-1 2nd.
Dielectric Withstand Voltage
Input to Chassis
Input to Output (tested by manufacturer only)
2121
4242
VDC
Electromagnetic Interference
FCC CFR title 47 Part 15 Sub-Part B - Conducted
EN55022 / CISPR 22 conducted
EN55022 / CISPR 22 radiated 9
B
B
B
Class
ESD Susceptibility
Per EN61000-4-2, level 4
8
kV
Radiated Susceptibility
Per EN61000-4-3, level 3
10
V/M
EFT/Burst
Per EN61000-4-4, level 3 10
±2
kV
Input Transient Protection
EN61000-4-5 Level 3
Line to Line
Line to Ground
1
2
kV
Insulation Resistance
Input to output
7
M
Ω
Leakage Current
Per EN60950, 264 VAC
700
μA
9 MAP130-1005 meets Class A, radiated.
10 MAP130-1005, MAP130-4003, and MAP130-4010, meet level 2, ±1kV.
PARAMETER
CONDITIONS / DESCRIPTION
MIN
NOM
MAX
UNITS
Altitude
Operating
Non-operating
10k
40k
Feet
Operating Temperature 11
Derate linearly above 50°C by 2.5% per °C
At 100% load:
At 50% load:
0
0
50
70
°C
Storage Temperature
-40
85
°C
Temperature Coefficient
0°C to 70°C (after 15 minute warm-up)
±0.02
±0.05
%/°C
Relative Humidity
Non-condensing
5
95
%RH
Shock
Operating, peak acceleration
20
GPK
Vibration
Random vibration, 10Hz to 2kHz, 3 axis
6
GRMS
11 External airflow of minimum 23 CFM used in ambient over 25°C.
PARAMETER
CONDITIONS / DESCRIPTION
MIN
NOM
MAX
UNITS
Dimensions
215.9 x 114.3 x 50.8
8.50 x 4.50 x 2.00
mm
in
Weight
1.13
2.5
kg
lb
Cover (Option)
Order the cover number 412-59586-G separately.
For convection cooled applications with covers, derate output
power as follows:
Derate all multiple output models and MAP130-1005 to 120 watts.
Derate MAP130-1012 and MAP130-1024 to 140 watts.
Dimensions:
215.9 x 114.3 x 55.1
8.5 x 4.5 x 2.17
mm
in



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com