Electronic Components Datasheet Search
  English  ▼

X  

IMS7 Datasheet(PDF) 7 Page - Bel Fuse Inc.

Part # IMS7
Description  7-Watt DC-DC Converters
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

IMS7 Datasheet(HTML) 7 Page - Bel Fuse Inc.

Back Button IMS7 Datasheet HTML 3Page - Bel Fuse Inc. IMS7 Datasheet HTML 4Page - Bel Fuse Inc. IMS7 Datasheet HTML 5Page - Bel Fuse Inc. IMS7 Datasheet HTML 6Page - Bel Fuse Inc. IMS7 Datasheet HTML 7Page - Bel Fuse Inc. IMS7 Datasheet HTML 8Page - Bel Fuse Inc. IMS7 Datasheet HTML 9Page - Bel Fuse Inc. IMS7 Datasheet HTML 10Page - Bel Fuse Inc. IMS7 Datasheet HTML 11Page - Bel Fuse Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
IMX7, IMS7 Series Data Sheet
7-Watt DC-DC Converters
BCD20007-G Rev AF, 31-Jul-2015
Page 7 of 14
MELCHER
The Power Partners.
Electrical Output Data
General conditions:
–TA = 25 °C, unless TC is specified.
– Pin i connected with Vi –; Trim or R input left open-circuit.
Table 5a: Output data for single-output models
Output
Vo nom
3.3 V
5.1 V
Unit
Characteristics
Conditions
min
typ
max min
typ
max
Vo
Output voltage setting
Vi nom
3.28
3.32 5.07
5.13
V
Io nom
Output current (nom.)
Vi min – Vi max
1.5
1.2
A
Io L
Current limit 2
Vi nom
1.78
2.7
1.56
2.0
∆V
o
Line and load regulation
Vi min – Vi max
±1
±1
%
Io = (0.05 – 1) Io nom
vo
Output voltage noise
Vi min – Vi max
5
70
70
mVpp
other models
Io = Io nom
6
20
40
20
40
110IMX7
40
50
40
50
Vo clp
Output overvoltage limit 7
Minimum load 1%
115
130
115
130
%
Co ext
Vo d
Dynamic
Voltage deviat.
Vi nom
±250
±250
mV
td
load
Recovery time
Io nom ↔ 1/2 Io nom
11
ms
regulation
α
Vo
Temperature coefficient
Vi min – Vi max
±0.02
±0.02
%/K
∆V
o/∆TC (TC min to TC max)
Io = (0.05 – 1) Io nom
Table 5b: Output data for double-output models
Output
Vo nom
2 × 5 V
2 × 12 V
2 ×15 V
2 × 24 V
Unit
Characteristics
Conditions
min
typ
max
min
typ
max min
typ
max
min
typ
max
Vo1
Output voltage
IMX7 Vi nom
4.96
5.04 11.90
12.10 14.88
15.12 23.81
24.19
V
Vo2
setting
Io1 = Io2 = 0.5 Io nom
4.95
5.05 11.88
12.12 14.85
15.15 23.75
24.25
Vo1
IMS7 Vi nom
4.92
5.08 11.82
12.18 14.78
15.22 23.64
24.36
Vo2
Io1 = Io2 = 0.5 Io nom
4.92
5.08 11.82
12.18 14.78
15.22 23.64
24.36
Io nom
Output current
20IMX7 Vi min – Vi max
2 × 0.6
2 × 0.25
2 × 0.2
2 × 0.13
A
(nom.)1
other models
2 × 0.7
2 × 0.3
2 × 0.24
2 × 0.15
Io L
Current
20IMX7 Vi nom
1.8
2.1
0.7
0.9
0.5
0.7
0.35
0.45
limit 2 3
other models
1.8
2.0
0.8
1.0
0.55
0.9
0.38
0.5
∆V
o1
Line regulation
Vi min – Vi max, Io nom
±1
±1
±1
±1
%
∆V
o l
Load regulation 4
Vi nom , (0.1 – 1) Io nom
±3
±3
±3
±3
vo1, 2
Output voltage noise
Vi min – Vi ma
5
80
120
150
240
mVpp
Io = Io nom
6
20
40
25
50
30
60
50
100
Vo clp
Output overvoltage limit 7
Minimum load 1%
115
130
115
130
115
130
115
130
%
Co ext
Admissible capacitive load 3
0
2000
0
300
0
200
0
100
µF
Vo d
Dynamic
Voltage deviat.
Vi nom
±150
±330
±350
±600
mV
td
load
Recovery time
Io nom ↔ 1/2 Io nom
11
1
1
ms
regulation
α
Vo
Temperature coefficient
Vi min – Vi max
±0.02
±0.02
±0.02
±0.02
%/K
of output voltage
(0.05 – 1) I o nom
1 Each output is capable of delivering full output power Po nom according to table Model Selection.
2 The current limit is primary side controlled. Io L is defined when Vo dropped to 85 to 94%.
3 Measured with both outputs connected in parallel.
4 Conditions for specified output. Other output loaded with constant current Io = 0.5 Io nom.
5 BW = 20 MHz
6 Measured with a probe according to EN 61204.
7 The overvoltage protection is not tracking with the R control.
Admissiblecapacitive load
0
2500
0
2000
µF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com