Electronic Components Datasheet Search
  English  ▼

X  

IMS7 Datasheet(PDF) 14 Page - Bel Fuse Inc.

Part # IMS7
Description  7-Watt DC-DC Converters
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

IMS7 Datasheet(HTML) 14 Page - Bel Fuse Inc.

Back Button IMS7 Datasheet HTML 6Page - Bel Fuse Inc. IMS7 Datasheet HTML 7Page - Bel Fuse Inc. IMS7 Datasheet HTML 8Page - Bel Fuse Inc. IMS7 Datasheet HTML 9Page - Bel Fuse Inc. IMS7 Datasheet HTML 10Page - Bel Fuse Inc. IMS7 Datasheet HTML 11Page - Bel Fuse Inc. IMS7 Datasheet HTML 12Page - Bel Fuse Inc. IMS7 Datasheet HTML 13Page - Bel Fuse Inc. IMS7 Datasheet HTML 14Page - Bel Fuse Inc.  
Zoom Inzoom in Zoom Outzoom out
 14 / 14 page
background image
IMX7, IMS7 Series Data Sheet
7-Watt DC-DC Converters
BCD20007-G Rev AF, 31-Jul-2015
Page 14 of 14
MELCHER
The Power Partners.
Standards and Approvals
The converters are approved according to IEC 60950 -1 and UL/
CSA 60950-1 2nd Edition.
The converters have been evaluated for:
• Building-in
• Basic insulation input to output, based on their maximum
input voltage
• Pollution degree 2 environment
• Connecting the input to a secondary circuit, which is
subject to a maximum transient rating of
- 1500 V for 20IMX7, 24IMS7, 40IMX7, 48IMS7
- 2000 V for 70IMX7
- 2500 V for 110IMX7.
The converters are subject to manufacturing surveillance in
accordance with the above mentioned standards.
Railway Applications
To comply with railway standards, all components are coated
with a protective lacquer (except option Z).
Protection Degree and Cleaning Liquids
The protection degree of the converters is IP 30, except open-
frame models (option Z).
In order to avoid possible damage, any penetration of cleaning
fluids should be prevented, since the power supplies are not
hermetical sealed.
However, open-frame models (option Z) leave the factory
unlacquered; they may be lacquered by the customer, for
instance together with the mother board. Cleaning agents are
not permitted – except washing at room temperature with
isopropyl alcohol. If necessary, the mother board must be
cleaned, before fitting the open-frame converter.
Note: Cleaning liquids may damage the adhesive joints of the
ferrite cores.
Isolation
The electric strength test is performed in the factory as a routine
test in accordance with EN 50514 and IEC/EN 60950, and
should not be repeated in the field. The Company will not honor
any warranty claims resulting from electric strength field tests.
Installation Instruction
Installation of the converters must strictly follow the national
safety regulations in compliance with the enclosure, mounting,
creepage, clearance, casualty, markings, and segregation
requirements of the end-use application.
Connection to the system shall be made via a printed circuit
board; see Mechanical Data.
The converters should be connected to a secondary circuit.
Do not open the converter.
Ensure that a converter failure does not result in a hazardous
conditions.
To prevent excessive current flowing through the input lines in
case of a short-circuit, an external fuse specified in section
Input Fuse and Reverse Polarity Protection should be installed
in the non-earthed input supply line.
NUCLEAR AND MEDICAL APPLICATIONS - These products are not designed or intended for use as critical components in life support systems,
equipment used in hazardous environments, or nuclear control systems.
TECHNICAL REVISIONS - The appearance of products, including safety agency certifications pictured on labels, may change depending on the
date manufactured. Specifications are subject to change without notice.
Copyright © 2015, Bel Power Solutions Inc. All rights reserved.
www.belpowersolutions.com/power
Table 12: Electric strength test voltages
Characteristic
Input to output
o/o 3
Unit
20/40IMX 20/40IMX2 110IMX
24/48IMS
70IMX
Factory test >1 s
1.2
1.5 1
2.0
0.1
kVAC
Equivalent DC volt.
(1.5)
(2.1)
(2.5)
0.15
kVDC
Coupling
1.2
1.2
1.2
–
nF
capacitance
Insulation resist.
>100
>100
>100
–
M
Ω
at 500 VDC
1 1.5 kVAC according to IEC 60950, sect. 6.2, Telecom equipment;
type test with 1.5 kVAC / 60 s (IEE 802.3).=
2 20/40IMX7 produced 2014 or later.
3 The test voltage between outputs is not applied as routine test.
Description of Options
Option M: SMD pins
This option allows surface mounting of the converters.
Option Z: Open Frame
For applications, where the protection by a housing is not
necessary or in the case that the motherboard should be
lacquered after fitting the converter; see Cleaning Liquids.
Option G: RoHS-6
Converters with a type designation ending by G are RoHS-
compliant for all six substances.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com