Electronic Components Datasheet Search
  English  ▼

X  

IMS7 Datasheet(PDF) 12 Page - Bel Fuse Inc.

Part # IMS7
Description  7-Watt DC-DC Converters
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

IMS7 Datasheet(HTML) 12 Page - Bel Fuse Inc.

Back Button IMS7 Datasheet HTML 6Page - Bel Fuse Inc. IMS7 Datasheet HTML 7Page - Bel Fuse Inc. IMS7 Datasheet HTML 8Page - Bel Fuse Inc. IMS7 Datasheet HTML 9Page - Bel Fuse Inc. IMS7 Datasheet HTML 10Page - Bel Fuse Inc. IMS7 Datasheet HTML 11Page - Bel Fuse Inc. IMS7 Datasheet HTML 12Page - Bel Fuse Inc. IMS7 Datasheet HTML 13Page - Bel Fuse Inc. IMS7 Datasheet HTML 14Page - Bel Fuse Inc.  
Zoom Inzoom in Zoom Outzoom out
 12 / 14 page
background image
IMX7, IMS7 Series Data Sheet
7-Watt DC-DC Converters
BCD20007-G Rev AF, 31-Jul-2015
Page 12 of 14
MELCHER
The Power Partners.
PMM 8000 PLUS
Date: 5.9.07
Time: 08:00
dbµV
80
60
20
40
0
110IMX7-05-8
Peak
Name: 110_7_05
0.2
0.5
1
2
5
10
20 MHz
EN 55022 A
Immunity to Environmental Conditions
Table 9: Mechanical and climatic stress
Test Method
Standard
Test conditions
Status
Cab
Damp heat
IEC/EN 60068-2-78
Temperature:
40 ±2 °C
Converter
steady state
MIL-STD-810D section 507.2
Relative humidity:
93 +2/-3 %
not
Duration:
56 days
operating
Ea
Shock
IEC/EN 60068-2-271
Acceleration amplitude:
100 gn = 981 m/s2
Converter
(half-sinusoidal)
MIL-STD-810D section 516.3
Bump duration:
6 ms
operating
Number of bumps:
18 (3 each direction)
Eb
Bump
IEC/EN 60068-2-29
Acceleration amplitude:
40 gn = 392 m/s2
Converter
(half-sinusoidal)
MIL-STD-810D section 516.3
Bump duration:
6 ms
operating
Number of bumps:
6000 (1000 each direction)
Fc
Vibration
IEC/EN 60068-2-6
Acceleration amplitude:
0.35 mm (10 to 60 Hz)
Converter
(sinusoidal)
5 gn = 49 m/s2 (60 to 2000 Hz)
operating
Frequency (1 Oct/min):
10 to 2000 Hz
Test duration:
7.5 h (2.5 h each axis)
Fh
Vibration,
IEC/EN 60068-2-64
Acceleration spectral density:
0.05 gn2/Hz
Converter
broad-band
Frequency band:
10 to 500 Hz
operating
random
Acceleration magnitude:
4.9 gn rms
(digital control)
Test duration:
3 h (1 h each axis)
Kb
Salt mist, cyclic
IEC/EN 60068-2-52
Concentration:
5% (30 °C)
Converter
(sodium chloride
Duration:
2 h per cycle
not
NaCl solution)
Storage:
40 °C, 93% rel. humidity
operating
Storage duration:
22 h per cycle
Number of cycles:
3
Table 10: Temperature specifications, valid for air pressure of 800 to 1200 hPa (800 to 1200 mbar)
Temperature
-9
-8
Unit
Characteristics
Conditions
min
max
min
max
TA
Ambient temperature
Operational 1
–40
71
–40
85
°C
TC
Case temperature
–40
95
–40
105
TS
Storage temperature
Non operational
–55
100
–55
105
1 See Thermal Considerations
Temperatures
1 Covers also EN 50155/EN 61373 category 1, class B, body mounted (= chassis of coach)
Fig. 15
48IMS7-15-15-8: Typical conducted emissions (peak) at the
input at Vi nom and Io nom according to EN 55011/22. Output
leads 0.1 m, twisted. External input capacitor (1 µF ceramic +
47 µF electrolytic cap).
PMM 8000 PLUS
Date: 5.9.07
Time: 09:10
dbµV
80
60
20
40
0
48IMS7-15-15-8
Peak
Name: 48_7_15
0.2
0.5
1
2
5
10
20 MHz
EN 55022 A
Fig. 14c
110IMX7-05-8: Typical conducted emissions (peak) at the
input at Vi nom and Io nom according to EN 55011/22. Output
leads 0.1 m, twisted. External input capacitor (0.15 µF
ceramic + 4.7 µF electrolytic cap).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com