Electronic Components Datasheet Search
  English  ▼

X  

AD7147 Datasheet(PDF) 11 Page - Analog Devices

Part # AD7147
Description  CapTouch Programmable Controller
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7147 Datasheet(HTML) 11 Page - Analog Devices

Back Button AD7147 Datasheet HTML 7Page - Analog Devices AD7147 Datasheet HTML 8Page - Analog Devices AD7147 Datasheet HTML 9Page - Analog Devices AD7147 Datasheet HTML 10Page - Analog Devices AD7147 Datasheet HTML 11Page - Analog Devices AD7147 Datasheet HTML 12Page - Analog Devices AD7147 Datasheet HTML 13Page - Analog Devices AD7147 Datasheet HTML 14Page - Analog Devices AD7147 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 71 page
background image
AD7147
Data Sheet
TYPICAL PERFORMANCE CHARACTERISTICS
935
795
2.6
3.7
VCC (V)
915
895
875
855
835
815
2.7
2.8
2.9
3.0
3.1
3.2
3.3
3.4
3.5
3.6
DECIMATION = 256
DECIMATION = 128
DECIMATION = 64
Figure 7. Supply Current vs. Supply Voltage
180
0
2.5
3.7
VCC (V)
160
140
120
100
80
60
40
20
200ms
400ms
600ms
800ms
2.7
2.9
3.1
3.3
3.5
Figure 8. Low Power Supply Current vs. Supply Voltage,
Decimation Rate = 256
0.12
0
2.5
3.7
VCC (V)
0.10
0.08
0.06
0.04
0.02
400ms
800ms
600ms
200ms
2.7
2.9
3.1
3.3
3.5
Figure 9. Low Power Supply Current vs. Supply Voltage,
Decimation Rate = 128
70
0
VCC (V)
60
50
40
30
20
10
600ms
800ms
200ms
400ms
2.5
3.7
2.7
2.9
3.1
3.3
3.5
Figure 10. Low Power Supply Current vs. Supply Voltage,
Decimation Rate = 64
2.5
0
2.7
VCC (V)
2.0
1.5
1.0
0.5
2.8
2.9
3.0
3.1
3.2
3.3
3.4
3.5
3.6
Figure 11. Shutdown Supply Current vs. Supply Voltage
1150
900
0
ACSHIELD CAPACITIVE LOAD (pF)
1100
1050
1000
950
100
200
300
400
500
Figure 12. Supply Current vs. Capacitive Load on ACSHIELD
Rev. E | Page 10 of 70



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com