Electronic Components Datasheet Search
  English  ▼

X  

AD7147 Datasheet(PDF) 29 Page - Analog Devices

Part # AD7147
Description  CapTouch Programmable Controller
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7147 Datasheet(HTML) 29 Page - Analog Devices

Back Button AD7147 Datasheet HTML 25Page - Analog Devices AD7147 Datasheet HTML 26Page - Analog Devices AD7147 Datasheet HTML 27Page - Analog Devices AD7147 Datasheet HTML 28Page - Analog Devices AD7147 Datasheet HTML 29Page - Analog Devices AD7147 Datasheet HTML 30Page - Analog Devices AD7147 Datasheet HTML 31Page - Analog Devices AD7147 Datasheet HTML 32Page - Analog Devices AD7147 Datasheet HTML 33Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 71 page
background image
AD7147
Data Sheet
Rev. E | Page 28 of 70
BANK 3 REGISTERS
STAGEx_MAX_WORD0
STAGEx_MAX_WORD1
STAGEx_MAX_WORD2
STAGEx_MAX_WORD3
STAGEx_MIN_WORD0
STAGEx_MIN_WORD1
STAGEx_MIN_WORD2
STAGEx_MIN_WORD3
STAGEx_MAX_AVG
BANK 3 REGISTERS
STAGEx_MAX_TEMP
BANK 3 REGISTERS
STAGEx_HIGH_THRESHOLD
BANK 3 REGISTERS
STAGEx_MIN_AVG
BANK 3 REGISTERS
STAGEx_MIN_TEMP
BANK 3 REGISTERS
STAGEx_LOW_THRESHOLD
BANK 3 REGISTERS
BANK 3 REGISTERS
MAXIMUM
LEVEL
DETECTION
LOGIC
MINIMUM
LEVEL
DETECTION
LOGIC
16
Σ-∆
16-BIT
CDC
Figure 39. Tracking the Minimum and Maximum Average Sensor Values
Table 14. Additional Information About Environmental Calibration and Adaptive Threshold Registers
Register/Bit
Register
Location
Description
NEG_THRESHOLD_SENSITIVITY
Bank 2
Used in Equation 2. This value is programmed once at startup.
NEG_PEAK_DETECT
Bank 2
Used by internal adaptive threshold logic only.
The NEG_PEAK_DETECT is set to a percentage of the difference between the ambient
CDC value and the minimum average CDC value. If the output of the CDC approaches the
NEG_PEAK_DETECT percentage of the minimum average, the minimum average value is updated.
POS_THRESHOLD_SENSITIVITY
Bank 2
Used in Equation 1. This value is programmed once at startup.
POS_PEAK_DETECT
Bank 2
Used by internal adaptive threshold logic only.
The POS_PEAK_DETECT is set to a percentage of the difference between the ambient
CDC value and the maximum average CDC value. If the output of the CDC approaches the
POS_PEAK_DETECT percentage of the maximum average, the maximum average value is updated.
STAGEx_OFFSET_LOW
Bank 2
Used in Equation 2. An initial value (based on sensor characterization) is programmed into
this register at startup. The AD7147 on-chip calibration algorithm automatically updates this
register based on the amount of sensor drift due to changing ambient conditions. Set this
register to 80% of the STAGEx_OFFSET_LOW_CLAMP value.
STAGEx_OFFSET_HIGH
Bank 2
Used in Equation 1. An initial value (based on sensor characterization) is programmed into
this register at startup. The AD7147 on-chip calibration algorithm automatically updates this
register based on the amount of sensor drift due to changing ambient conditions. Set this
register to 80% of the STAGEx_OFFSET_HIGH_CLAMP value.
STAGEx_OFFSET_HIGH_CLAMP
Bank 2
Used by internal environmental calibration and adaptive threshold algorithms only.
An initial value (based on sensor characterization) is programmed into this register at startup.
The value in this register prevents a user from causing the output value of a sensor to exceed
the expected nominal value.
Set this register to the maximum expected sensor response or the maximum change in CDC
output code.
STAGEx_OFFSET_LOW_CLAMP
Bank 2
Used by internal environmental calibration and adaptive threshold algorithms only.
An initial value (based on sensor characterization) is programmed into this register at startup.
The value in this register prevents a user from causing the output value of a sensor to exceed
the expected nominal value.
Set this register to the minimum expected sensor response or the minimum change in CDC
output code.
STAGEx_SF_AMBIENT
Bank 3
Used in Equation 1 and Equation 2. This is the ambient sensor output when the sensor is not
touched, as calculated using the slow FIFO.
STAGEx_HIGH_THRESHOLD
Bank 3
Equation 1 value.
STAGEx_LOW_THRESHOLD
Bank 3
Equation 2 value.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com