Electronic Components Datasheet Search
  English  ▼

X  

AD7147 Datasheet(PDF) 28 Page - Analog Devices

Part # AD7147
Description  CapTouch Programmable Controller
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7147 Datasheet(HTML) 28 Page - Analog Devices

Back Button AD7147 Datasheet HTML 24Page - Analog Devices AD7147 Datasheet HTML 25Page - Analog Devices AD7147 Datasheet HTML 26Page - Analog Devices AD7147 Datasheet HTML 27Page - Analog Devices AD7147 Datasheet HTML 28Page - Analog Devices AD7147 Datasheet HTML 29Page - Analog Devices AD7147 Datasheet HTML 30Page - Analog Devices AD7147 Datasheet HTML 31Page - Analog Devices AD7147 Datasheet HTML 32Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 71 page
background image
Data Sheet
AD7147
Rev. E | Page 27 of 70
ADAPTIVE THRESHOLD AND SENSITIVITY
The AD7147 provides an on-chip, self-adjusting adaptive
threshold and sensitivity algorithm. This algorithm continu-
ously monitors the output levels of each sensor and automatically
rescales the threshold levels in proportion to the sensor area
covered by the user. As a result, the AD7147 maintains optimal
threshold and sensitivity levels for all users regardless of their
finger sizes.
The threshold level is always referenced from the ambient level
and is defined as the CDC converter output level that must be
exceeded before a valid sensor contact can occur. The sensitivity
level is defined as how sensitive the sensor must be before a
valid contact can be registered.
Figure 38 provides an example of how the adaptive threshold
and sensitivity algorithm works. The positive and negative
sensor threshold levels are calculated as a percentage of the
STAGEx_OFFSET_HIGH and STAGEx_OFFSET_LOW
values and are based on the threshold sensitivity settings and
the ambient value. After the AD7147 is configured, initial
estimates are supplied for both STAGEx_OFFSET_HIGH
and STAGEx_OFFSET_LOW, and then the calibration engine
automatically adjusts the STAGEx_HIGH_THRESHOLD and
STAGEx_LOW_THRESHOLD values for sensor response.
The AD7147 tracks the average maximum and minimum values
measured from each sensor. These values provide an indication
of how the user is interacting with the sensor. A large finger
results in a large average maximum or minimum value, whereas
a small finger results in smaller values. When the average
maximum or minimum value changes, the threshold levels are
rescaled to ensure that the threshold levels are appropriate for
the current user. Figure 39 shows how the minimum and
maximum sensor responses are tracked by the on-chip logic.
Reference A in Figure 38 shows a less sensitive threshold level
for a user with small fingers and demonstrates the disadvantages
of a fixed threshold level.
By enabling the adaptive threshold and sensitivity algorithm, the
positive and negative threshold levels are determined by the
POS_THRESHOLD_SENSITIVITY and NEG_THRESHOLD_
SENSITIVITY bit values and by the most recent average maxi-
mum sensor output value. These bits can be used to select 16
different positive and negative sensitivity levels ranging between
25% and 95.32% of the most recent average maximum output
level referenced from the ambient value. The smaller the sensitivity
percentage setting, the easier it is to trigger a sensor activation.
Reference B shows that the positive adaptive threshold level is
set at almost mid-sensitivity with a 62.51% threshold level by
setting POS_THRESHOLD_ SENSITIVITY = 1000. Figure 38
also provides a similar example for the negative threshold level,
with NEG_THRESHOLD_SENSITIVITY = 0011.
AMBIENT LEVEL
AVERAGE MAXIMUM VALUE
STAGEx_OFFSET_HIGH
25%
95.32%
62.51% =
POS_
THRESHOLD
_SENSITIVITY
25%
62.51% =
POS_
THRESHOLD
_SENSITIVITY
95.32%
NEG_THRESHOLD_SENSITIVITY = 39.08%
25%
95.32%
25%
95.32%
SENSOR CONTACTED
BY SMALL FINGER
AVERAGE MAXIMUM VALUE
STAGEx_OFFSET_LOW
NEG_THRESHOLD_SENSITIVITY = 39.08%
SENSOR CONTACTED
BY LARGE FINGER
STAGEx_OFFSET_HIGH
IS UPDATED
STAGEx_OFFSET_HIGH
IS UPDATED
STAGEx_OFFSET_LOW
IS UPDATED
STAGEx_OFFSET_LOW
IS UPDATED
A
B
Figure 38. Example of Threshold Sensitivity (POS_THRESHOLD_SENSITIVITY = 1000, NEG_THRESHOLD_SENSITIVITY = 0011)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com