Electronic Components Datasheet Search
  English  ▼

X  

RAC03-GA Datasheet(PDF) 1 Page - Recom International Power

Part # RAC03-GA
Description  3 Watt Single Output EMC Class A
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

RAC03-GA Datasheet(HTML) 1 Page - Recom International Power

  RAC03-GA Datasheet HTML 1Page - Recom International Power RAC03-GA Datasheet HTML 2Page - Recom International Power RAC03-GA Datasheet HTML 3Page - Recom International Power RAC03-GA Datasheet HTML 4Page - Recom International Power RAC03-GA Datasheet HTML 5Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
PA-1
REV.: 2/2017
www.recom-power.com
AC/DC Converter
3 YEAR
warranty
3
Specifications (measured @ ta=25°C, nom. Vin, full load unless otherwise noted)
Model Numbering
Description
The RAC03-GA series are low cost AC/DC power supplies, ideal for PCB mounted, compact, board level
industrial applications. They feature universal AC input voltage range, regulated and short-circuit -proof
isolated DC outputs, low standby power consumption and -40°C to +85°C operating temperature ran-
ge. The RAC03-GA have a built-in Class A / FCC Part 15 EMC filter, are certified to IEC/EN/UL60950-1
and EN60335 and are pending to IEC/EN/UL62368 and EN61558 safety standards and come with a
three year warranty.
Features
Regulated
Converters
• Universal input 85-305VAC
• 3W PCB mount package
• <75mW no load power consumption
• Ultra low profile, compact size
• -40°C to +85°C Operating temperature
• Continuous SCP, OCP, OVP
• EN60335, IEC/EN/UL60950 & CE certified
3 Watt
Single
Output
EMC Class A
RAC03-GA
Selection Guide
Part
Input
Output
Output
Efficiency
Max. Capacitive
Number
Voltage Range
Voltage
Current
typ.(1)
Load(2)
[VAC]
[VDC]
[mA]
[%]
[µF]
RAC03-3.3SGA
85-305
3.3
910
70
2000
RAC03-05SGA
85-305
5
600
72
1500
RAC03-12SGA
85-305
12
250
78
500
RAC03-15SGA
85-305
15
200
78
200
RAC03-24SGA
85-305
24
130
80
150
On Request
RAC03-09SGA
85-305
9
330
77
1000
UL60950-1 certified
IEC/EN60950-1 certified
UL62368-1 pending
IEC/EN62368-1 pending
EN61558-1 pending
EN61558-2-16 pending
E196683
Notes:
Note1: Efficiency is tested at nominal input and full load at +25°C ambient
Note2: Max. Cap. Load is tested at nominal input and full resistive load
Ordering Example
RAC03-12SGA = 3W Output Power, 12V Output Voltage, Single Output, EMC Class A
Output Power
Output Voltage
RAC03-__SGA
EMC Class A
Single
BASIC CHARACTERISTICS
Parameter
Condition
Min.
Typ.
Max.
Internal Input Filter
Pi-Type
Input Voltage Range
refer to line derating graph on
page PA-4
85VAC
120VDC
305VAC
430VDC
Input Current
115VAC
230VAC
70mA
45mA
Inrush Current
cold start at 25°C
115VAC
230VAC
10A
20A
No Load Power Consumption
75mW
Input Frequency Range
AC Input
45Hz
65Hz
Minimum Load
0%
Power Factor
115VAC
230VAC
0.53
0.41
Start-up Time
115VAC, 230VAC
30ms
1s
Hold-up Time
115VAC
230VAC
5ms
40ms
Internal Operating Frequency
100% load at nominal Vin
65kHz
continued on next page


Similar Part No. - RAC03-GA

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RAC03-GA RECOM-RAC03-GA Datasheet
1Mb / 4P
Up to 488VAC input voltage range
More results

Similar Description - RAC03-GA

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RAC03-SE RECOM-RAC03-SE Datasheet
293Kb / 3P
3 Watt Single Output
RAC03-SER RECOM-RAC03-SER Datasheet
354Kb / 3P
3 Watt Single Output
RAC03-SE-277 RECOM-RAC03-SE-277 Datasheet
419Kb / 4P
3 Watt Single Output
RAC01-GB RECOM-RAC01-GB Datasheet
401Kb / 5P
1 Watt Single Output EMC Class B
RAC02-GB RECOM-RAC02-GB Datasheet
400Kb / 5P
2 Watt Single Output EMC Class B
RAC03-GB RECOM-RAC03-GB Datasheet
436Kb / 5P
3 Watt Single Output EMC Class B
RAC04-GA RECOM-RAC04-GA Datasheet
1Mb / 5P
4 Watt Single Output EMC Class A
RAC04-GB RECOM-RAC04-GB Datasheet
438Kb / 5P
4 Watt Single Output EMC Class B
RAC03-GB RECOM-RAC03-GB_18 Datasheet
1Mb / 6P
3 Watt Single Output EMC Class B
RAC04-GB RECOM-RAC04-GB_18 Datasheet
1Mb / 6P
4 Watt Single Output EMC Class B
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com