Electronic Components Datasheet Search
  English  ▼

X  

RAC03-GA Datasheet(PDF) 4 Page - Recom International Power

Part # RAC03-GA
Description  3 Watt Single Output EMC Class A
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

RAC03-GA Datasheet(HTML) 4 Page - Recom International Power

  RAC03-GA Datasheet HTML 1Page - Recom International Power RAC03-GA Datasheet HTML 2Page - Recom International Power RAC03-GA Datasheet HTML 3Page - Recom International Power RAC03-GA Datasheet HTML 4Page - Recom International Power RAC03-GA Datasheet HTML 5Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
PA-4
REV.: 2/2017
www.recom-power.com
AC/DC Converter
Specifications (measured @ ta=25°C, nom. Vin, full load unless otherwise noted)
RAC03-GA
Series
SAFETY AND CERTIFICATION
Certificate Type (Safety)
Report / File Number
Standard
Information Technology Equipment, General Requirements for
Safety (LVD)
SA17031845 001
IEC60950-1, 2nd Edition: 2005 + A2, 2013
EN60950-1: 2006 +A2, 2013
Information Technology Equipment, General Requirements
for Safety
E196683-A3-UL
UL60950-1, 2nd Edition: 2014
CAN/CSA C22.2 No. 60950-1-07, 2nd Edition: 2014
Audio/video, information and communication technology
equipment. Safety requirements
pending
UL62368-1, 2nd Edition
CAN/CSA C22.2 No 62368-1
Audio/video, information and communication technology
equipment. Safety requirements
pending
IEC62368-1, 2nd Edition: 2014
EN62368-1: 2014
Household and similar electrical appliances - Safety. General
requirements
SA1703184L 01001
EN60335: 2012 + A11, 2014
Measurement methods for electromagnetic fields of
household appliances and similar apparatus with regard to
human exposure
SA1703184L 01001
EN62233: 2008
Safety of power transformers, power supplies, reactors and
similar products for supply voltages up to 1100 V Part 2:
Particular requirements
pending
EN61558-1: 2005 + A1, 2009
EN61558-2-16: 2009 + A1, 2013
RoHs 2+
RoHS 2011/65/EU + AM2015/863
EMC Compliance
Condition
Standard / Criterion
Information technology equipment - Radio disturbance
characteristics - Limits and methods of measurement
EA1703184E 01001
with external components
EN55032: 2015, Class A
Limitations on the amount of electromagnetic intererence
allowed from digital and electronic devices
EA1703184E 01001
47 CFR FCC Part 15 Subpart B: 2016
ESD Electrostatic discharge immunity test
Air ±8kV, Contact ±4kV
EN61000-4-2: 2009, Criteria A
Radiated, radio-frequency, electromagnetic field immunity
test
3V/m
EN61000-4-3: 2006 + A2, 2010, Criteria A
Fast Transient and Burst Immunity
AC Power Port ±1kV
EN61000-4-4: 2012, Criteria A
Surge Immunity
AC Power Port L-N ±1kV
EN61000-4-5: 2014, Criteria B
Immunity to conducted disturbances, induced by radio-
frequency fields
AC Power Port 3V
EN61000-4-6: 2014, Criteria A
Voltage Dips and Interruption
Voltage Dips >95%
Voltage Dips 30%
Voltage Interruptions >95%
EN61000-4-11: 2004, Criteria A
EN61000-4-11, 2004, Criteria A
EN61000-4-11, 2004, Criteria C
continued on next page
Derating Graph
(@ Chamber and natural convection 0.1m/s)
Line Derating Graph
100
120
80
60
40
20
0
0
60 70 80
40
20
-20
-40
100
85
Ambient Temperature [°C]
100
120
80
60
40
20
0
85
105 125 145 165 185 205 225 245 265 285 305
Input Voltage [VAC]
100



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com