Electronic Components Datasheet Search
  English  ▼

X  

RAC03-GA Datasheet(PDF) 2 Page - Recom International Power

Part # RAC03-GA
Description  3 Watt Single Output EMC Class A
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

RAC03-GA Datasheet(HTML) 2 Page - Recom International Power

  RAC03-GA Datasheet HTML 1Page - Recom International Power RAC03-GA Datasheet HTML 2Page - Recom International Power RAC03-GA Datasheet HTML 3Page - Recom International Power RAC03-GA Datasheet HTML 4Page - Recom International Power RAC03-GA Datasheet HTML 5Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
REGULATIONS
Parameter
Condition
Value
Output Accuracy
±2.5% max.
Line Regulation
low line to high line
±0.5% max.
Load Regulation
10% to 100% load
±0.5% max.
Output Ripple and Noise(4)
20MHz BW
0°C to 85°C
3.3, 5 Vout
12Vout
15Vout
24Vout
100mVp-p
150mVp-p
200mVp-p
240mVp-p
-30°C to 0°C
3.3, 5Vout
12Vout
15, 24Vout
200mVp-p
250mVp-p
300mVp-p
PA-2
REV.: 2/2017
www.recom-power.com
AC/DC Converter
Specifications (measured @ ta=25°C, nom. Vin, full load unless otherwise noted)
RAC03-GA
Series
Efficiency vs. Load
115VAC
230VAC
Output Current [%]
10
0
0
10
20
30
40
50
60
70
80
90
20
40
60
80
100
30
50
70
90
115VAC
230VAC
Output Current [%]
10
0
0
10
20
30
40
50
60
70
80
90
20
40
60
80
100
30
50
70
90
RAC03-12SGA
RAC03-12SGA
RAC03-05SGA
RAC03-05SGA
Output Current [A]
2.5
1.5
2
-1.5
0.5
-0.5
-2
1
-1
-2.5
0
0
0.4
0.5
0.2
0.1
0.6
Output Current [A]
0
0.15
0.20
0.25
0.05
0.10
2.5
2
1.5
-1.5
0.5
-0.5
-2
1
-1
-2.5
0
Notes:
Note3: The products were submitted for safety files at AC-Input Operation
Note4: Measurements are made with a 12” twisted pair-wire with a 0.1µF and 10µF parallel capacitor across output (low ESR)
Accuracy vs. Load
(@nom. Vin: 115/230VAC)



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com