Electronic Components Datasheet Search
  English  ▼

X  

GL640 Datasheet(PDF) 24 Page - List of Unclassifed Manufacturers

Part # GL640
Description  IEEE-1284 to USB Bridge
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

GL640 Datasheet(HTML) 24 Page - List of Unclassifed Manufacturers

Back Button GL640 Datasheet HTML 20Page - List of Unclassifed Manufacturers GL640 Datasheet HTML 21Page - List of Unclassifed Manufacturers GL640 Datasheet HTML 22Page - List of Unclassifed Manufacturers GL640 Datasheet HTML 23Page - List of Unclassifed Manufacturers GL640 Datasheet HTML 24Page - List of Unclassifed Manufacturers GL640 Datasheet HTML 25Page - List of Unclassifed Manufacturers GL640 Datasheet HTML 26Page - List of Unclassifed Manufacturers GL640 Datasheet HTML 27Page - List of Unclassifed Manufacturers GL640 Datasheet HTML 28Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 39 page
background image
Revision 1.1
Jun. 7, 1999
-23-
GL640USB, GL640USB-A
When this bit is set to ‘1’, D+ and D- pin will be driven to low so that no connect
will be detected on the host side.
EVTFLG ( offset 11h )
W/O
R/W1C
R/W1C
R/W1C
R/W1C
R/W1C
S_CTLRX
WAKEUP
RESUME
SUSPD
EP0TX
EP0RX
This register is the main USB interrupt flag for endpoint 0 and power management. The firmware
detects endpoint 0 transaction via EP0RX and EP0TX. If firmware can’t handle the received endpoint 0
control data, then firmware should write ‘1’to S_CTLRX and EP0RX. By this, the interrupt will redirect to
the external DMA interrupt and the CTLRX bit of USBFLG register will be set. For power management,
when a USB suspend is detected, the SUSPD bit will be set to ‘1’. If the USB host put the bus to ‘K’ state
during suspend, then the RESUME bit will be set to ‘1’. If a remote-wake-up event is detected, then the
WAKEUP bit will be set to ‘1’.
All those interrupt status bits can be written ‘1’ to clear.
EP0RX
-
Endpoint 0 receives a data packet.
EP0TX
-
Endpoint 0 transmits a data packet completely.
SUSPD
-
USB suspend detected
RESUME
-
USB resume detected
WAKEUP- remote-wake-up event is detected during suspend state
The event is
DMA mode:
WAKEVT bit is set
EPP mode: INT_ pin is asserted low
S_CTLRX- Write 1 to set CTLRX bit of USBFLG
All the data in endp0/endp3 FIFO are left unchanged.
DEVADR ( offset 12h )
R/W
R/W
R/W
R/W
R/W
R/W
R/W
DEVADR6
DEVADR5
DEVADR4
DEVADR3
DEVADR2
DEVADR1
DEVADR0
This register is used to set USB device address.
Default=8’h00



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com