Electronic Components Datasheet Search
  English  ▼

X  

GL640 Datasheet(PDF) 25 Page - List of Unclassifed Manufacturers

Part # GL640
Description  IEEE-1284 to USB Bridge
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

GL640 Datasheet(HTML) 25 Page - List of Unclassifed Manufacturers

Back Button GL640 Datasheet HTML 21Page - List of Unclassifed Manufacturers GL640 Datasheet HTML 22Page - List of Unclassifed Manufacturers GL640 Datasheet HTML 23Page - List of Unclassifed Manufacturers GL640 Datasheet HTML 24Page - List of Unclassifed Manufacturers GL640 Datasheet HTML 25Page - List of Unclassifed Manufacturers GL640 Datasheet HTML 26Page - List of Unclassifed Manufacturers GL640 Datasheet HTML 27Page - List of Unclassifed Manufacturers GL640 Datasheet HTML 28Page - List of Unclassifed Manufacturers GL640 Datasheet HTML 29Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 39 page
background image
Revision 1.1
Jun. 7, 1999
-24-
GL640USB, GL640USB-A
RXCTL0 ( offset 13h )
R/W
R/O
R/O
R/O
R/O
R/O
R/O
R/O
RXDIS
RXSETUP
RXOUT
RXSEQ
RXCNT3
RXCNT2
RXCNT1
RXCNT0
Default=8’h0e
This register is used to check the received data byte count, data toggle, and transaction token on endpoint
0. When the EP0RX interrupt is detected, firmware should first check this register to decide the received
data is valid or not. At this time, RXDIS bit is set by hardware to prevent the current data in endp0 FIFO
overwritten by next incoming data. After extracting data from endp0 FIFO, firmware should clear RXDIS to
enable receiving capability on endp0.
RXCNT[3:0]
-
Received data byte count.
RXSEQ
-
1 - The received data is DATA1
0 - The received data is DATA0
RXOUT
-
1 - The received token is OUT.
RXSETUP -
1 - The received token is SETUP.
RXDIS
-
Disable receiving capability on endpoint 0
Upon successfully receiving a data packet on endpoint 0, hardware will
automatically set this bit to ‘1’. At this time, no more SETUP/OUT data on
endpoint 0 can be accepted, hardware will respond with NAK.
0 - Endp0 FIFO is available for data receiving.
1 – Endp0 FIFO is not available
Note: Firmware must take care the data toggle check and decide if current RX data is valid.
TXCTL0 ( offset 14h )
R/W
R/W
R/W
R/W
R/W
R/W
TXOE
TXSEQ
TXCNT3
TXCNT2
TXCNT1
TXCNT0
Default=8’h00
This register is used to control the data byte count, data toggle of the transmitted data on endpoint 0. If
there is data to be sent to endpoint 0, firmware should first push data into FFDAT0 register, and then set the
pushed byte count to TXCNT3-0, set the data toggle to TXSEQ, and finally turn on TXOE to enable the data
transmission.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com