Electronic Components Datasheet Search
  English  ▼

X  

GL640 Datasheet(PDF) 31 Page - List of Unclassifed Manufacturers

Part # GL640
Description  IEEE-1284 to USB Bridge
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

GL640 Datasheet(HTML) 31 Page - List of Unclassifed Manufacturers

Back Button GL640 Datasheet HTML 27Page - List of Unclassifed Manufacturers GL640 Datasheet HTML 28Page - List of Unclassifed Manufacturers GL640 Datasheet HTML 29Page - List of Unclassifed Manufacturers GL640 Datasheet HTML 30Page - List of Unclassifed Manufacturers GL640 Datasheet HTML 31Page - List of Unclassifed Manufacturers GL640 Datasheet HTML 32Page - List of Unclassifed Manufacturers GL640 Datasheet HTML 33Page - List of Unclassifed Manufacturers GL640 Datasheet HTML 34Page - List of Unclassifed Manufacturers GL640 Datasheet HTML 35Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 39 page
background image
Revision 1.1
Jun. 7, 1999
-30-
GL640USB, GL640USB-A
9
9.. Advantages of GL640USB
Advantage
Description
EMI consideration
1. Operates at 12MHz frequency to reduce EMI radiation
2. Slew rate controlled output pads:
All the transition on output pads are well controlled to reduce the EMI radiation.
Cost Saving
1. Provide clock output, no other crystal required. The clock frequency can be 24, 16, 12,
8, 6 MHz
2. Build in power-on reset circuit. No reset circuit required.
3. Provide 3.3V output to pull-up USB bus
Flexibility
1.
Provide self-Isolation capability. With this capability, a device can be designed to
support both EPP and USB interface.
2.
Provide additional 7 GPIO pins and 4 GPI pins. These pins can be used as testing
purpose, status indication, product selection, … and so on.
3.
Customized firmware: Contains a RISC controller with 2K ROM, user can
developing its own firmware to achieve best performance and satisfy special
applications
4.
Support 93C46 to provide external VID and PID
Performance
1. Build in hardware EPP engine and 2 sets of 64 byte ping-pong FIFO, the performance
for Bulk transfer will be up to 1.1 Mbytes /sec
2. Balanced architecture: Both the Bulk-In and Bulk-Out can achieve 1.1 Mbytes/sec
transfer rate.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com