Electronic Components Datasheet Search
  English  ▼

X  

GL646 Datasheet(PDF) 29 Page - List of Unclassifed Manufacturers

Part # GL646
Description  Three-in-one Scanner Controller for USB and 1394
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

GL646 Datasheet(HTML) 29 Page - List of Unclassifed Manufacturers

Back Button GL646 Datasheet HTML 25Page - List of Unclassifed Manufacturers GL646 Datasheet HTML 26Page - List of Unclassifed Manufacturers GL646 Datasheet HTML 27Page - List of Unclassifed Manufacturers GL646 Datasheet HTML 28Page - List of Unclassifed Manufacturers GL646 Datasheet HTML 29Page - List of Unclassifed Manufacturers GL646 Datasheet HTML 30Page - List of Unclassifed Manufacturers GL646 Datasheet HTML 31Page - List of Unclassifed Manufacturers GL646 Datasheet HTML 32Page - List of Unclassifed Manufacturers GL646 Datasheet HTML 33Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 43 page
background image
Revision 1.3
Mar.22 2001
-28-
GL646USB
: reset: enable CCD TG position CP & RS signals.
CCD TG
CCD CP/RS
7.16. Reg : 17H
(Write)
Default : 14H
B7~6:TGMODE[1:0]
: to set CCD TG mode.
00:without dummy line CCD TG type.
01:with dummy line CCD TG type.
10:reserved.
11:reserved.
B5~0:TGW[5:0]
:
to set CCD TG width.
7.17. Reg : 18H
(Write)
Defalut : 00H
B7 : CNSET
: set : TG and clock set to Canon CIS style.
: reset: TG and clock is non-Canon CIS style.
B6~5 :DCKSEL:
00 one time CCD Clocks speed for dummy line.
01 two time CCD Clocks speed for dummy line.
10 three time CCD Clocks speed for dummy line.
11 four time CCD Clocks speed for dummy line.
B4 :CKTOGGLE
: set : half cycle per pixel for CCD Clock 1/2.
: reset : one cycle per pixel
B3~2 :CKDELAY:
00 no delay
01 delay one system clock for CCD Clock 1/2.
10 delay two system clock for CCD Clock 1/2.
11 delay three system clock for CCD Clock 1/2.
B1~0 :CKSEL :
00 one time CCD Clock speed for capture image.
01 two time CCD Clock speed for capture image.
10 three time CCD Clock speed for capture image.
11 four time CCD Clock speed for capture image.
7.18. Reg : 19H
(Write)
Default : 00H
EXPDMY[7:0] : to set dummy line exposure time (unit = 256 pixels time).
7.19. Reg : 1AH,1BH
(Write)
Defalut : 00H,00H
CKH[4:0]: set CCD Clock rising edge position.
CKL[4:0]: set CCD Clock falling edge position.
7.20. Reg : 1CH
(Write)
Default : 00H
B7: CK3SEL
: to enable CCD Clock3
B6:CK3INV
: to reverse CCD Clock3
B5~B0: TGSEL[5:0]
: to set CCD TG for R,G and B output control
B0~1: control R Channel TG.
B2~3: control G Channel TG.
B4~5: control B Channel TG.
7.21. Reg : 1DH
(Write)
Defalut : 04H
B7 : CKMANUAL
: to program CCD Clock1/2 by manual.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com