Electronic Components Datasheet Search
  English  ▼

X  

GL646 Datasheet(PDF) 35 Page - List of Unclassifed Manufacturers

Part # GL646
Description  Three-in-one Scanner Controller for USB and 1394
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

GL646 Datasheet(HTML) 35 Page - List of Unclassifed Manufacturers

Back Button GL646 Datasheet HTML 31Page - List of Unclassifed Manufacturers GL646 Datasheet HTML 32Page - List of Unclassifed Manufacturers GL646 Datasheet HTML 33Page - List of Unclassifed Manufacturers GL646 Datasheet HTML 34Page - List of Unclassifed Manufacturers GL646 Datasheet HTML 35Page - List of Unclassifed Manufacturers GL646 Datasheet HTML 36Page - List of Unclassifed Manufacturers GL646 Datasheet HTML 37Page - List of Unclassifed Manufacturers GL646 Datasheet HTML 38Page - List of Unclassifed Manufacturers GL646 Datasheet HTML 39Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 43 page
background image
Revision 1.3
Mar.22 2001
-34-
GL646USB
0
1
2
3
4
5
6
7
8
9
10 11 12 13 14 0
1
2
3
4
5
6
7
8
AFE
VSMP
Reg58=34H : VSMP[4:0]=06H
VSMPW=4H
7.56. Reg : 59H
(Write)
Defalut : 00H
B7~3:BSMP[4:0]
: to set the rising edge position of dark voltage sampling for AFE.
B2~0:BSMPW[2:0]
: to set the pulse width of image sampling.
7.57. Reg : 5AH
(Write)
Defalut : C0H
B7 :WMSEL
: set: to select Wolfson working type.
: reset: to select Analog Device working type.
B6 : RLCSEL : set: select reset level clamp on a pixel-by-oixel basis.
: reset: don’t select.
B5~4:CDSREF[1:0]
: to set the frontend CDSREF for line rate scanning type.
B3~0:RLC[3:0]
: to set the frontend RLC for line rate scanning type.
7.58. Reg : 5BH,5CH,5DH,5EH
(Write)
Defalut : 00H,00H,00H,00H
CKFH[4:0]
: First point of rising edge.
CKFL[4:0]
: First point of falling edge.
CKSH[4:0]
: Second point of rising edge.
CKSL[4:0]
: Second point of falling edge.
(1). Color or fine gray : 24 clocks/pixel
0
1
2
3
4
5
6
7
8
9
10 11 12 13 14 15 16 17 18 19 20 21 22 23
CKFH = 02H
CKFL = 0AH
CKSH = 10H
CKSL = 14H
(2).Fast gray or B&W : 15 clocks/pixel
0
1
2
3
4
5
6
7
8
9
10 11 12 13 14 0
1
2
3
4
5
6
7
8
CKFH = 02H
CKFL = 08H
CKSH = 0CH
CKSL = 00H



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com