Electronic Components Datasheet Search
  English  ▼

X  

GL646 Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # GL646
Description  Three-in-one Scanner Controller for USB and 1394
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

GL646 Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  GL646 Datasheet HTML 1Page - List of Unclassifed Manufacturers GL646 Datasheet HTML 2Page - List of Unclassifed Manufacturers GL646 Datasheet HTML 3Page - List of Unclassifed Manufacturers GL646 Datasheet HTML 4Page - List of Unclassifed Manufacturers GL646 Datasheet HTML 5Page - List of Unclassifed Manufacturers GL646 Datasheet HTML 6Page - List of Unclassifed Manufacturers GL646 Datasheet HTML 7Page - List of Unclassifed Manufacturers GL646 Datasheet HTML 8Page - List of Unclassifed Manufacturers GL646 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 43 page
background image
Revision 1.3
Mar.22 2001
-4-
GL646USB
3. SYSTEM BLOCK DIAGRAM
3.1
USB 1.1 System Block Diagram
Three-in-One
Scanner
Controller
(GL646USB)
HOST
12MHz
Motor Driver
IO Device
CCD/CIS
DRAM
3.2
USB 2.0 System Block Diagram
Three-in-One
Scanner
Controller
(GL646USB)
12MHz
Motor Driver
IO Device
CCD/CIS
DRAM
USB 2.0
Controller
24~48MHz
3.3
IEEE 1394 System Block Diagram
Three-in-One
Scanner
Controller
(GL646USB)
12MHz
Motor Driver
IO Device
CCD/CIS
DRAM
IEEE 1394
Controller
25MHz
PHY
HOST
Note: 1.The pins assignment and package of GL646 USB is the same as GL643USB.
2.The connection of GL646USB is the same as GL643USB.
3.GL643USB is 14 bits solution; GL646USB is 16 bits solution.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com