Electronic Components Datasheet Search
  English  ▼

X  

DS4520 Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # DS4520
Description  9-Bit I2C Nonvolatile I/O Expander Plus Memory
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS4520 Datasheet(HTML) 2 Page - Maxim Integrated Products

  DS4520 Datasheet HTML 1Page - Maxim Integrated Products DS4520 Datasheet HTML 2Page - Maxim Integrated Products DS4520 Datasheet HTML 3Page - Maxim Integrated Products DS4520 Datasheet HTML 4Page - Maxim Integrated Products DS4520 Datasheet HTML 5Page - Maxim Integrated Products DS4520 Datasheet HTML 6Page - Maxim Integrated Products DS4520 Datasheet HTML 7Page - Maxim Integrated Products DS4520 Datasheet HTML 8Page - Maxim Integrated Products DS4520 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
9-Bit I2C Nonvolatile
I/O Expander Plus Memory
2
_____________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
RECOMMENDED DC OPERATING CONDITIONS
(TA = -40°C to +85°C)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
Voltage on VCC, SDA, and SCL Pins
Relative to Ground.............................................-0.5V to +6.0V
Voltage on A0, A1, A2, and I/O_n [n = 0 to 8]
Relative to Ground....-0.5V to (VCC + 0.5V) not to exceed +6.0V
Operating Temperature Range ...........................-40°C to +85°C
EEPROM Programming Temperature Range .........0°C to +70°C
Storage Temperature Range .............................-55°C to +125°C
Soldering Temperature ...See IPC/JEDEC J-STD-020A Specification
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Supply Voltage
VCC
(Note 1)
+2.7
+5.5
V
Input Logic 1
VIH
0.7 x VCC
VCC + 0.3
V
Input Logic 0
VIL
-0.3
0.3 x VCC
V
DC ELECTRICAL CHARACTERISTICS
(VCC = +2.7V to +5.5V; TA = -40°C to +85°C, unless otherwise noted.)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Standby Current
ISTBY
(Note 2)
2
10
µA
Input Leakage
IL
-1.0
+1.0
µA
Input Current each I/O Pin
II/O
0.4V < VI/O < 0.9VCC (Note 3)
-1.0
+1.0
µA
3mA sink current
0
0.4
Low-Level Output Voltage (SDA)
VOL SDA
6mA sink current
0
0.6
V
I/O Pin Low-Level Output Voltage
VOL I/O
12mA sink current
0.4
V
I/O Pin Pullup Resistors
RPU
4.0
5.5
7.5
kΩ
I/O Capacitance
CI/O
(Note 4)
10
pF
Power-On Reset Voltage
VPOR
1.6
V



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com