Electronic Components Datasheet Search
  English  ▼

X  

DS4520 Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # DS4520
Description  9-Bit I2C Nonvolatile I/O Expander Plus Memory
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS4520 Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button DS4520 Datasheet HTML 2Page - Maxim Integrated Products DS4520 Datasheet HTML 3Page - Maxim Integrated Products DS4520 Datasheet HTML 4Page - Maxim Integrated Products DS4520 Datasheet HTML 5Page - Maxim Integrated Products DS4520 Datasheet HTML 6Page - Maxim Integrated Products DS4520 Datasheet HTML 7Page - Maxim Integrated Products DS4520 Datasheet HTML 8Page - Maxim Integrated Products DS4520 Datasheet HTML 9Page - Maxim Integrated Products DS4520 Datasheet HTML 10Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
9-Bit I2C Nonvolatile
I/O Expander Plus Memory
_____________________________________________________________________
7
*THE SLAVE ADDRESS IS DETERMINED BY
ADDRESS PINS A0, A1, AND A2.
1
MSB
SLAVE
ADDRESS*
READ/WRITE
BIT
LSB
01
0
A2
A1
A0
R/W
Figure 1. DS4520 Slave Address Byte
Table 1. DS4520 Memory Map
ADDRESS
TYPE
NAME
FUNCTION
FACTORY
DEFAULT
00h to 3Fh
EEPROM
User Memory 64 bytes of general-purpose user EEPROM.
00h
40 to E7h
—
Reserved
Undefined address space for future expansion. Reads and writes to this
space have no effect on the device.
—
E8 to EFh
EEPROM
Reserved
—
—
F0h
Pullup
Enable 0
Pullup enable for I/O_0 to I/O_7. I/O_0 is the LSB and I/O_7 is the MSB. Set
the corresponding bit to enable the pullup; clear the bit to disable the pullup.
00h
F1h
Pullup
Enable 1
Pullup enable for I/O_8. I/O_8 is the LSB. Only the LSB is used. Set the LSB
bit to enable the pullup on I/O_8; clear the LSB to disable the pullup.
00h
F2h
I/O Control 0
I/O control for I/O_0 to I/O_7. I/O_0 is the LSB and I/O_7 is the MSB. Clearing
the corresponding bit of the register pulls the selected I/O pin low; setting the
bit places the pulldown transistor into a high-impedance state. When the
pulldown is high impedance, the output floats if no pullup/down is connected
to the pin.
FFh
F3h
I/O Control 1
I/O control for I/O_8. I/O_8 is the LSB. Only the LSB is used. Clearing the LSB
of the register pulls the I/O_8 pin low; setting the LSB places the pulldown
transistor into a high-impedance state. When the pulldown is high impedance,
the output floats if no pullup/down is connected to the pin.
01h
F4h
Configuration
Configuration register. The LSB is the SEE bit. When set, this bit disables
writes to the EEPROM; writing only affects the shadow SRAM. When set to 0,
both the EEPROM and the shadow SRAM is written.
00h
F5h to F7h
SRAM
Shadowed
EEPROM
[EEPROM
writes are
disabled if
the SEE
bit = 1]
User Memory 3 bytes of general-purpose user EEPROM.
00h
F8h
I/O Status 0
I/O status for I/O_0 to I/O_7. I/O_0 is the LSB and I/O_7 is the MSB. Writing to
this register has no effect. Read this register to determine the state of the
I/O_0 to I/O_7 pins.
F9h
I/O Status 1
I/O status for I/O_8. I/O_8 is the LSB. Only the LSB is used; the other bits
could be any value when read. Writing to this register has no effect. Read this
register to determine the state of the I/O_8 pin.
FAh to FFh
SRAM
SRAM User
6 bytes of general-purpose SRAM.
—



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com