Electronic Components Datasheet Search
  English  ▼

X  

DS4520 Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # DS4520
Description  9-Bit I2C Nonvolatile I/O Expander Plus Memory
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS4520 Datasheet(HTML) 4 Page - Maxim Integrated Products

  DS4520 Datasheet HTML 1Page - Maxim Integrated Products DS4520 Datasheet HTML 2Page - Maxim Integrated Products DS4520 Datasheet HTML 3Page - Maxim Integrated Products DS4520 Datasheet HTML 4Page - Maxim Integrated Products DS4520 Datasheet HTML 5Page - Maxim Integrated Products DS4520 Datasheet HTML 6Page - Maxim Integrated Products DS4520 Datasheet HTML 7Page - Maxim Integrated Products DS4520 Datasheet HTML 8Page - Maxim Integrated Products DS4520 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
9-Bit I2C Nonvolatile
I/O Expander Plus Memory
4
_____________________________________________________________________
Typical Operating Characteristics
(VCC = +5.0V, TA = +25°C, unless otherwise noted.)
SUPPLY CURRENT vs. SUPPLY VOLTAGE
SUPPLY VOLTAGE (V)
4.5
4.0
3.5
0.5
1.0
1.5
2.0
0
3.0
5.0
I/O0–I/O7 CONTROL BITS = 0
I/O0–I/O7 PULLUPS DISABLED
VCC = SDA = SCL
SUPPLY CURRENT vs. TEMPERATURE
TEMPERATURE (°C)
80
60
40
20
0
-20
0.5
1.0
1.5
2.0
2.5
0
-40
I/O0–I/O7 CONTROL BITS = 0
I/O0–I/O7 PULLUPS DISABLED
VCC = SDA = SCL = 5V
SUPPLY CURRENT vs. SCL FREQUENCY
SCL FREQUENCY (kHz)
300
200
100
2
4
6
8
10
12
14
16
18
20
0
0400
VCC = SDA = 5V
I/O OUTPUT VOLTAGE
vs. SUPPLY VOLTAGE
SUPPLY VOLTAGE (V)
5
4
3
2
1
1
2
3
4
5
6
0
06
PULLUPS ENABLED
PULLDOWNS DISABLED
HIGH IMPEDANCE
EEPROM RECALL AT VPOR



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com