Electronic Components Datasheet Search
  English  ▼

X  

DLT-37 Datasheet(PDF) 3 Page - Roithner LaserTechnik GmbH

Part # DLT-37
Description  The universal driver for Mid-IR LEDs with built-in cooler
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROITHNER [Roithner LaserTechnik GmbH]
Direct Link  http://www.roithner-laser.com
Logo ROITHNER - Roithner LaserTechnik GmbH

DLT-37 Datasheet(HTML) 3 Page - Roithner LaserTechnik GmbH

  DLT-37 Datasheet HTML 1Page - Roithner LaserTechnik GmbH DLT-37 Datasheet HTML 2Page - Roithner LaserTechnik GmbH DLT-37 Datasheet HTML 3Page - Roithner LaserTechnik GmbH DLT-37 Datasheet HTML 4Page - Roithner LaserTechnik GmbH DLT-37 Datasheet HTML 5Page - Roithner LaserTechnik GmbH DLT-37 Datasheet HTML 6Page - Roithner LaserTechnik GmbH DLT-37 Datasheet HTML 7Page - Roithner LaserTechnik GmbH DLT-37 Datasheet HTML 8Page - Roithner LaserTechnik GmbH DLT-37 Datasheet HTML 9Page - Roithner LaserTechnik GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
1. Application.
The driver DLT-37 is designed for power supply of Mid-IR LEDs with
built-in cooler.
2. Features.
• The driver DLT-37 provides two modes of operation: Quasi Continuous
Wave mode (the mode of maximum average optical power from the LED)
and pulse mode (the mode of maximum peak optical power from the LED).
• Temperature controller that is built in DLT-37 provides selecting and
stabilizing of temperature on the LED's chip in wide range. That gives
possibility to stabilize and tune wavelength or optical power of the LED.
• The possibility to tune the LED current amplitude, repetition rate and pulse
duration, to select the optimal mode of the LED.
• The synchronization capability with a selective amplifier or with some
other device.
• Easy and durable in use.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com