Electronic Components Datasheet Search
  English  ▼

X  

DLT-37 Datasheet(PDF) 15 Page - Roithner LaserTechnik GmbH

Part # DLT-37
Description  The universal driver for Mid-IR LEDs with built-in cooler
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROITHNER [Roithner LaserTechnik GmbH]
Direct Link  http://www.roithner-laser.com
Logo ROITHNER - Roithner LaserTechnik GmbH

DLT-37 Datasheet(HTML) 15 Page - Roithner LaserTechnik GmbH

Back Button DLT-37 Datasheet HTML 7Page - Roithner LaserTechnik GmbH DLT-37 Datasheet HTML 8Page - Roithner LaserTechnik GmbH DLT-37 Datasheet HTML 9Page - Roithner LaserTechnik GmbH DLT-37 Datasheet HTML 10Page - Roithner LaserTechnik GmbH DLT-37 Datasheet HTML 11Page - Roithner LaserTechnik GmbH DLT-37 Datasheet HTML 12Page - Roithner LaserTechnik GmbH DLT-37 Datasheet HTML 13Page - Roithner LaserTechnik GmbH DLT-37 Datasheet HTML 14Page - Roithner LaserTechnik GmbH DLT-37 Datasheet HTML 15Page - Roithner LaserTechnik GmbH  
Zoom Inzoom in Zoom Outzoom out
 15 / 15 page
background image
Voltage proportional to the current amplitude through the LED amplifier A1
feed to the first input of multiplexer MX2. The other input of MX2 is supplied
with the voltage proportional to the LED temperature. Voltage from the output of
MX2 feed to the analog-digital converter ADC and then to liquid-crystal indicator
LCD DISPLAY. The display mode can be selected with the help of button
"Display mode"
The DC / DC circuit is a pulse voltage converter from + 12 V in + 5 V, -5 V
for power supply of all the elements of the DLT-37M. The input voltage of DC /
DC converter supplies from “+12 VDC” jack.
Fig.12. The Block diagram of DLT-37



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com